Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL21E004ME Datasheet (PDF) - Eudyna Devices Inc

FLL21E004ME Datasheet PDF - Eudyna Devices Inc
Part # FLL21E004ME
Download  FLL21E004ME Download
File Size   252.26 Kbytes
Page   6 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description High Voltage - High Power GaAs FET

FLL21E004ME Datasheet (PDF)

Go To PDF Page Download Datasheet
FLL21E004ME Datasheet PDF - Eudyna Devices Inc

Part # FLL21E004ME
Download  FLL21E004ME Click to download

File Size   252.26 Kbytes
Page   6 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description High Voltage - High Power GaAs FET

FLL21E004ME Datasheet (HTML) - Eudyna Devices Inc


FLL21E004ME Product details

DESCRIPTION
The FLL21E004ME is a high power GaAs FET that offers high efficiency, ease of matching, greater consistency and broad bandwidth for high power L-band amplifiers. This device is targeted for high voltage, low current operation in digitally modulated amplification. This product is ideally suited for W-CDMA and Multi-carrier PCS base station amplifiers while offering high gain, long term reliability and ease of use.

FEATURES
• High Voltage Operation : VDS=28V
• High Power : P1dB=36dBm(typ.) at f=2.17GHz
• High Gain: G1dB=14dB(typ.) at f=2.17GHz
• Broad Frequency Range : 2100 to 2200MHz
• Proven Reliability




Similar Part No. - FLL21E004ME

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
High Voltage - High Power GaAs FET
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
High Voltage - High Power GaAs FET
FLL21E045IY EUDYNA-FLL21E045IY Datasheet
306Kb / 6P
L,S-band High Power GaAs FET
FLL21E060IY EUDYNA-FLL21E060IY Datasheet
310Kb / 6P
L,S-band High Power GaAs FET
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
High Voltage - High Power GaAs FET
More results


Similar Description - FLL21E004ME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLC317MG-4 ETC1-FLC317MG-4 Datasheet
481Kb / 5P
High Voltage - High Power GaAs FET
logo
Eudyna Devices Inc
FLL21E010MK EUDYNA-FLL21E010MK Datasheet
308Kb / 6P
High Voltage - High Power GaAs FET
FLL21E040IK EUDYNA-FLL21E040IK Datasheet
371Kb / 6P
High Voltage - High Power GaAs FET
FLL21E090IK EUDYNA-FLL21E090IK Datasheet
338Kb / 6P
High Voltage - High Power GaAs FET
FLL21E180IU EUDYNA-FLL21E180IU Datasheet
155Kb / 6P
High Voltage - High Power GaAs FET
FLL310IQ-3A EUDYNA-FLL310IQ-3A Datasheet
376Kb / 5P
High Voltage - High Power GaAs FET
FLL400IK-2 EUDYNA-FLL400IK-2 Datasheet
61Kb / 3P
High Voltage - High Power GaAs FET
FLL400IK-2C EUDYNA-FLL400IK-2C Datasheet
60Kb / 3P
High Voltage - High Power GaAs FET
logo
Advanced Semiconductor
MSC8001 ASI-MSC8001 Datasheet
18Kb / 1P
HIGH POWER GaAs FET
MSC8004 ASI-MSC8004 Datasheet
18Kb / 1P
HIGH POWER GaAs FET
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com