Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66013FP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66013FP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66013FP
Download  M66013FP Download
File Size   33.31 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT I/O EXPANDER WITH ADDRESS

M66013FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66013FP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66013FP
Download  M66013FP Click to download

File Size   33.31 Kbytes
Page   2 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-BIT I/O EXPANDER WITH ADDRESS

M66013FP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66013FP Product details

DESCRIPTION
The M66013FP is a semiconductor IC that is capable of performing serial-parallel conversion of data. This IC can set addresses. The microcomputer uses the four signal lines of EN, CLK, DI and DO to send and receive data.
The IC adopts the two types of operation modes: echo-back mode and normal mode. In the echo-back mode, data received in serial can be sent to the sender within the same sequence (*1) as it is. In the normal mode, restriction is given to the data to be sent to the sender. However, the normal mode supports the same communication protocol as that of the M66009FP. (*1): one of the higher order command bits is excluded.
Three bits in the echo-back mode and four bits in the normal mode are available for addresses. The echo-back mode and the normal mode have 8 types and 16 types of address, respectively, and any address can be set.

FEATURES
• Is capable of providing high speed serial communication at 8 MHz.
• Provides two modes: echo back mode and normal mode.
• Is capable of reading serial input data in echo back mode. (However, 3 bits are available for the address.)
• Is capable of achieving communication protocol of current M66009FP in the normal mode. (However, 4 bits are available for the address.)
• Uses different commands in operations for output of data to I/O port: command for writing data into an output register and command for output operation to the I/O port.
• Provides an I/O port data read only command.
• Is capable of reading an output register.
• Adopts a decision by majority by reading three types of data when serial data is received.
• Is capable of setting the I/O port output format to either N-ch or Pch open drain. (In echo mode)

APPLICATIONS
   Inter board communication in VTR, AV and OA equipment, expansion of microcomputer I/O port, etc.




Similar Part No. - M66013FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
8-bit I/O Expander with Address
More results


Similar Description - M66013FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008 Datasheet
498Kb / 40P
8-Bit I/O Expander with Serial Interface
2005
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
8-bit I/O Expander with Address
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
8-bit I/O Expander for I2C BUS
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
Microchip Technology
MCP23009 MICROCHIP-MCP23009 Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
2009
logo
Renesas Technology Corp
R8A66154SP RENESAS-R8A66154SP Datasheet
152Kb / 8P
8-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Microchip Technology
MCP23009-E MICROCHIP-MCP23009-E Datasheet
643Kb / 50P
8-Bit I/O Expander with Open-Drain Outputs
03/26/09
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com