Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2576-040 Datasheet (PDF) - I-PEX Inc.

2576-040 Datasheet PDF - I-PEX Inc.
Part # 2576-040
Download  2576-040 Download
File Size   298.26 Kbytes
Page   2 Pages
Manufacturer  I-PEX [I-PEX Inc.]
Direct Link  https://www.i-pex.com
Logo I-PEX - I-PEX Inc.
Description CABLINE®-VS 0.5mm Pitch Horizontal Type

2576-040 Datasheet (PDF)

Go To PDF Page Download Datasheet
2576-040 Datasheet PDF - I-PEX Inc.

Part # 2576-040
Download  2576-040 Click to download

File Size   298.26 Kbytes
Page   2 Pages
Manufacturer  I-PEX [I-PEX Inc.]
Direct Link  https://www.i-pex.com
Logo I-PEX - I-PEX Inc.
Description CABLINE®-VS 0.5mm Pitch Horizontal Type

2576-040 Datasheet (HTML) - I-PEX Inc.


2576-040 Product details

・Mating Height : MAX. 1.1mm
・Improved transmission efficiency, High level EMI shield
performance and multi point ground
・W-Point Contact with High mating reliability
・Anti-reverse mating design
・Locking bar prevents accidental unmating (Option)
・Soldering connection




Similar Part No. - 2576-040

ManufacturerPart #DatasheetDescription
logo
I-PEX Inc.
2576-0XX-XX I-PEX-2576-0XX-XX Datasheet
1Mb / 10P
High-Data-Rate Transfer, Ideal for USB4/Thunderbolt 4 (20 Gbps/lane) Applications
Rev.33
More results


Similar Description - 2576-040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF2L ETC-XF2L Datasheet
833Kb / 1P
0.5MM PITCH LOW PROFILE TYPE
XF2J ETC-XF2J Datasheet
596Kb / 1P
0.5mm-pitch ZIF-Slide Type
logo
Wurth Elektronik GmbH &...
6871XX14022 WURTH-6871XX14022 Datasheet
1Mb / 3P
0.5MM ZIF FPC HORIZONTAL TOP CONTACT TYPE - TAPE & REEL PACKAGING
68715014022 WURTH-68715014022 Datasheet
1Mb / 3P
0.5MM ZIF FPC HORIZONTAL TOP CONTACT TYPE -TAPE & REEL PACKAGING
logo
Tyco Electronics
1734592 MACOM-1734592 Datasheet
165Kb / 3P
FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
logo
Hirose Electric
TF12 HIROSE-TF12 Datasheet
255Kb / 7P
0.5mm PITCH Back-Flip Type
logo
Wurth Elektronik GmbH &...
6871XX14522 WURTH-6871XX14522 Datasheet
1Mb / 5P
0.5MM ZIF FPC HORIZONTAL BOTTOM CONTACT TYPE - TAPE & REEL PACKAGING
logo
I-PEX Inc.
20455-A20E-76 I-PEX-20455-A20E-76 Datasheet
641Kb / 6P
CABLINE R -VS RECE ASSY
2007/09/27
20455-030E-76 I-PEX-20455-030E-76 Datasheet
1Mb / 10P
CABLINE-VS RECE 30P
logo
Lapp.
0044008 LAPP-0044008 Datasheet
65Kb / 1P
OLFLEX® CRANE VS (N)SHTOU
01.01.2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com