Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N042U-WHM-S Datasheet (PDF) - Tripp Lite. All Rights Reserved

N042U-WHM-S Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N042U-WHM-S
Download  N042U-WHM-S Download
File Size   32.23 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 1-Port UK-Style Insert, Unloaded Shuttered Module, 25 x 50 mm, White

N042U-WHM-S Datasheet (PDF)

Go To PDF Page Download Datasheet
N042U-WHM-S Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N042U-WHM-S
Download  N042U-WHM-S Click to download

File Size   32.23 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 1-Port UK-Style Insert, Unloaded Shuttered Module, 25 x 50 mm, White

N042U-WHM-S Datasheet (HTML) - Tripp Lite. All Rights Reserved


N042U-WHM-S Product details

Features
UK Shuttered Module Connects Your Audio/Video, Voice or Data Network
This UK-style insert with unloaded shuttered module is ideal for your premise wiring applications, including
home theater, VoIP phones and Ethernet. Just snap a keystone jack, including one used in HDMI,
DisplayPort, RCA audio, USB and Cat5e/6/6a applications, into the module’s cutout for immediate cable
connection.

High-Impact Construction Designed to Blend In Seamlessly with Your Room
This white module is shuttered to resist dust. It measures 25 x 50 millimeters and blends elegantly into
any home or office décor for a sleek, professional installation. The ABS plastic construction meets UL
94V-0 flame-retardant standards for protection against fire and high heat. The insert is compatible with
Tripp Lite’s N042U-WF1-1, N042U-WF1-2 and N042U-WF2-2 gang frames.




Similar Part No. - N042U-WHM-S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N042U-WHM-S-6C TRIPPLITE-N042U-WHM-S-6C Datasheet
36Kb / 2P
UK-Style 6C-Type Unloaded Shuttered Module, White
N042U-WHM-SA TRIPPLITE-N042U-WHM-SA Datasheet
33Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Angled Module, 25 x 50 mm, Icon Tab, White
More results


Similar Description - N042U-WHM-S

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N042U-W01-S TRIPPLITE-N042U-W01-S Datasheet
43Kb / 2P
1-Port UK-Style Keystone Wall Plate, Unloaded Shuttered Module, White
N042U-W02-S TRIPPLITE-N042U-W02-S Datasheet
41Kb / 2P
2-Port UK-Style Keystone Wall Plate, Unloaded Shuttered Module, White
N042U-WK1-S TRIPPLITE-N042U-WK1-S Datasheet
42Kb / 2P
1-Port UK-Style Wall Plate, Unloaded Shuttered Module, White
N042U-WK1-SA TRIPPLITE-N042U-WK1-SA Datasheet
46Kb / 2P
1-Port UK-Style Wall Plate, Unloaded Shuttered Angled Module, White
N042E-WHM1-S TRIPPLITE-N042E-WHM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 22.5 x 45 mm, White
N042E-WM1-S TRIPPLITE-N042E-WM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 45 x 45 mm, White
N042E-WM1-SAT TRIPPLITE-N042E-WM1-SAT Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Angled Module, Icon Tab, White
N042U-WHM-S-6C TRIPPLITE-N042U-WHM-S-6C Datasheet
36Kb / 2P
UK-Style 6C-Type Unloaded Shuttered Module, White
N042U-WHM-SA TRIPPLITE-N042U-WHM-SA Datasheet
33Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Angled Module, 25 x 50 mm, Icon Tab, White
N042U-WM1-S TRIPPLITE-N042U-WM1-S Datasheet
37Kb / 2P
1-Port UK-Style Unloaded Shuttered Module, 50 x 50 mm, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com