Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM5057X Datasheet (PDF) - Eudyna Devices Inc

FMM5057X Datasheet PDF - Eudyna Devices Inc
Part # FMM5057X
Download  FMM5057X Download
File Size   621.25 Kbytes
Page   14 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description C-Band Power Amplifier MMIC

FMM5057X Datasheet (PDF)

Go To PDF Page Download Datasheet
FMM5057X Datasheet PDF - Eudyna Devices Inc

Part # FMM5057X
Download  FMM5057X Click to download

File Size   621.25 Kbytes
Page   14 Pages
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description C-Band Power Amplifier MMIC

FMM5057X Datasheet (HTML) - Eudyna Devices Inc


FMM5057X Product details

DESCRIPTION
The FMM5057X is a power amplifier MMIC that contains a four stage amplifier, internally matched, for standard communications band in 7.1 to 8.5GHz frequency range. This product is well suited for point-to-point radio applications.

FEATURES
• High Output Power; P1dB = 34 dBm (Typ.)
• High Linear Gain; GL = 27 dB(Typ.)
• Frequency Band ; 7.1 - 8.5 GHz
• High Linearity ; OIP3 = 42.5 dBm(typ.)
• Impedance Matched Zin/Zout = 50Ω




Similar Part No. - FMM5057X

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FMM5057VF FUJI-FMM5057VF Datasheet
300Kb / 8P
7.1-8.5GHz Power Amplifier MMIC
More results


Similar Description - FMM5057X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESM5832VU EUDYNA-ESM5832VU Datasheet
195Kb / 13P
K-Band Power Amplifier MMIC
FMM5007VF EUDYNA-FMM5007VF Datasheet
155Kb / 7P
Ku Band Power Amplifier MMIC
FMM5051VU EUDYNA-FMM5051VU Datasheet
138Kb / 8P
Ku band Power Amplifier MMIC
FMM5054VF EUDYNA-FMM5054VF Datasheet
213Kb / 16P
Ku Band Power Amplifier MMIC
FMM5063X EUDYNA-FMM5063X Datasheet
584Kb / 14P
Ku-Band Power Amplifier MMIC
FMM5822X EUDYNA-FMM5822X Datasheet
299Kb / 14P
K-Band Power Amplifier MMIC
FMM5829X EUDYNA-FMM5829X Datasheet
259Kb / 14P
K-Band Power Amplifier MMIC
logo
Advanced Semiconductor ...
ASX1536 ASB-ASX1536 Datasheet
602Kb / 13P
Ku Band Power Amplifier MMIC
January 2017
ASX0837HG ASB-ASX0837HG Datasheet
899Kb / 14P
X Band Power Amplifier MMIC
June 2017
ABX0618M ASB-ABX0618M Datasheet
861Kb / 18P
Wide Band Power Amplifier MMIC
July 2017
More results




About Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com