Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF1009A Datasheet (PDF) - STMicroelectronics

RHF1009A Datasheet PDF - STMicroelectronics
Part # RHF1009A
Download  RHF1009A Download
File Size   1649.32 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref

RHF1009A Datasheet (PDF)

Go To PDF Page Download Datasheet
RHF1009A Datasheet PDF - STMicroelectronics

Part # RHF1009A
Download  RHF1009A Click to download

File Size   1649.32 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref

RHF1009A Datasheet (HTML) - STMicroelectronics


RHF1009A Product details

Features
• Adjustable shunt, 2.5 V to 5.5 V
• High precision ±0.2% at 2.5 V at 25 °C
• Wide operating current: 60 μA to 12 mA
• 30 ppm/°C maximum temperature range at
2.5 V
• Stable on capacitive load

Description
The RHF1009A is a low-power adjustable 2.5 V voltage reference, specifically designed to sustain radiations in space applications.
Mounted in a Flat-10 ceramic package, the RHF1009A uses a dedicated architecture and design rules to provide the best immunity against heavy-ions.
A very low operating current and very good stability over a wide temperature range of
-55 °C to +125 °C make the RHF1009A particularly suitable for precision and power saving.

Applications
• Space systems
• Space data acquisition systems
• Aerospace instrumentation
• ADC references




Similar Part No. - RHF1009A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF1201 STMICROELECTRONICS-RHF1201 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
RHF1201KSO-01V STMICROELECTRONICS-RHF1201KSO-01V Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
RHF1201KSO1 STMICROELECTRONICS-RHF1201KSO1 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
RHF1201KSO2 STMICROELECTRONICS-RHF1201KSO2 Datasheet
193Kb / 18P
Rad-hard 12-bit 0.5 to 50 Msps A/D converter
29-Jun-2007
RHF1201 STMICROELECTRONICS-RHF1201_11 Datasheet
1Mb / 34P
Rad-hard 12-bit 50 Msps A/D converter
29-Jul-2011
More results


Similar Description - RHF1009A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
logo
Toshiba Semiconductor
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
1.26-V Adjustable High-Precision Shunt Regulators
logo
ON Semiconductor
NCP100 ONSEMI-NCP100 Datasheet
103Kb / 10P
Sub 1.0 V Precision Adjustable Shunt Regulator
July, 2004 ??Rev. 8
NCP100 ONSEMI-NCP100_06 Datasheet
132Kb / 12P
Sub 1.0 V Precision Adjustable Shunt Regulator
November, 2006 ??Rev. 10
logo
Toshiba Semiconductor
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
2.49-V Adjustable High-Precision Shunt Regulators
TA76432FT TOSHIBA-TA76432FT_06 Datasheet
292Kb / 13P
1.26-V Adjustable High-Precision Shunt Regulators
logo
Texas Instruments
ATL432B TI-ATL432B_15 Datasheet
1Mb / 26P
ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431 TI-ATL431_15 Datasheet
1Mb / 26P
ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
ATL431 TI1-ATL431_16 Datasheet
1Mb / 26P
ATL43x 2.5-V Low Iq Adjustable Precision Shunt Regulator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com