Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN3015H-6G-TR Datasheet (PDF) - STMicroelectronics

TN3015H-6G-TR Datasheet PDF - STMicroelectronics
Part # TN3015H-6G-TR
Download  TN3015H-6G-TR Download
File Size   267.81 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 30 A, 600 V D2PAK thyristor SCRs

TN3015H-6G-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
TN3015H-6G-TR Datasheet PDF - STMicroelectronics

Part # TN3015H-6G-TR
Download  TN3015H-6G-TR Click to download

File Size   267.81 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 30 A, 600 V D2PAK thyristor SCRs

TN3015H-6G-TR Datasheet (HTML) - STMicroelectronics


TN3015H-6G-TR Product details

Features
• High junction temperature: Tj = 150 °C
• High noise immunity dV/dt = 1000 V/μs up to 150 °C
• Gate triggering current IGT = 15 mA
• Peak off-state voltage VDRM/VRRM = 600 V
• High turn-on current rise dI/dt = 100 A/μs
• ECOPACK2 compliant

Description
Thanks to its operating junction temperature up to 150°C, the TN3015H-6G SCR in
D2PAK package offers high thermal performance operation up to 30 A RMS in a
compact SMD design.
Its trade-off noise immunity (dV/dt = 1000 V/μs) versus its gate triggering current
(IGT = 15 mA) and its turn-on current rise (dI/dt = 100 A/μs) allows to design robust
and compact control circuit for voltage regulator in motorbikes and industrial drives,
overvoltage crowbar protection, motor control circuits in power tools and kitchen
appliances and inrush current limiting circuits.

Applications
• General purpose AC line load switching
• Motorbike voltage regulator circuits
• Inrush current limiting circuits
• Motor control circuits and starters
• Heating resistor control, Solid State Relays
• Lighting




Similar Part No. - TN3015H-6G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN3015H-6I STMICROELECTRONICS-TN3015H-6I Datasheet
232Kb / 10P
High temperature 30 A, 600 V TO220 insulated thyristor SCRs
TN3015H-6T STMICROELECTRONICS-TN3015H-6T Datasheet
230Kb / 10P
High temperature 30 A, 600 V TO220 thyristor SCRs
08-Jul-2019
More results


Similar Description - TN3015H-6G-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN1205H-6T STMICROELECTRONICS-TN1205H-6T Datasheet
128Kb / 10P
High temperature 12 A SCRs
26-Apr-2012
TN1605H-6FP STMICROELECTRONICS-TN1605H-6FP Datasheet
329Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN1610H-6T STMICROELECTRONICS-TN1610H-6T Datasheet
330Kb / 9P
High temperature 16 A SCRs
24-Feb-2015
TN4015H-6I STMICROELECTRONICS-TN4015H-6I Datasheet
380Kb / 9P
High temperature 40 A SCRs
25-Nov-2016
TN1605H-6G STMICROELECTRONICS-TN1605H-6G Datasheet
425Kb / 10P
High temperature 16 A SCRs
26-Jun-2017
TN2010H-6T STMICROELECTRONICS-TN2010H-6T Datasheet
425Kb / 9P
High temperature 20 A SCRs
August 2017 Rev 1
TN3015H-6I STMICROELECTRONICS-TN3015H-6I Datasheet
232Kb / 10P
High temperature 30 A, 600 V TO220 insulated thyristor SCRs
TN3015H-6T STMICROELECTRONICS-TN3015H-6T Datasheet
230Kb / 10P
High temperature 30 A, 600 V TO220 thyristor SCRs
08-Jul-2019
TN5015H-6G STMICROELECTRONICS-TN5015H-6G Datasheet
423Kb / 9P
High temperature 50 A SCRs
08-Jun-2017
TN5015H-6T STMICROELECTRONICS-TN5015H-6T Datasheet
404Kb / 9P
High temperature 50 A SCRs
01-Jun-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com