Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRC40SF22M1PA Datasheet (PDF) - Carlo Gavazzi Holding AG

IRC40SF22M1PA Datasheet PDF - Carlo Gavazzi Holding AG
Part # IRC40SF22M1PA
Download  IRC40SF22M1PA Download
File Size   3046.59 Kbytes
Page   16 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Proximity inductive sensors with rectangular housing and 5 positions rotatable head

IRC40SF22M1PA Datasheet (PDF)

Go To PDF Page Download Datasheet
IRC40SF22M1PA Datasheet PDF - Carlo Gavazzi Holding AG

Part # IRC40SF22M1PA
Download  IRC40SF22M1PA Click to download

File Size   3046.59 Kbytes
Page   16 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Proximity inductive sensors with rectangular housing and 5 positions rotatable head

IRC40SF22M1PA Datasheet (HTML) - Carlo Gavazzi Holding AG


IRC40SF22M1PA Product details

Description
Inductive proximity sensors with 40 mm x 40 mm
rectangular housings for use in harsh ambient
conditions to detect metal objects without contact
and wear-free.
The sensors generate an electromagnetic field
which interacts with the detected object and are
characterized by a long service life and extreme
ruggedness.
The long sensing distance of up to 40 mm makes
them particularly suitable also for use in conveyor
systems, assuring a stable and reliable detection
even in harsh environments, also thanks to the
integrated advanced electronics which ensures
optimal performance with temperature variations.

Benefits
• Sensing face mountable in 5 different positions
• Easily adaptable to several application needs
• Four corner LEDs to ensure visibility of the switching
status and operation from any direction
• Flush or non-flush mountable
• Extended sensing ranges: 22mm (flush), 40mm (Nonflush)
• IP69K protection degree for a certified resistance to
frequent high temperature and high pressure washing
cycles
• Antivalent output (NO+NC), NPN or PNP
• Easy mounting system (included) for quick installation or
replacement of the sensor
• Wide operating temperature range from -25°C to +80°C

Applications
• Non contact detection of metal objects in general position-sensing and presence-sensing in industrial applications
• Conveyor systems, material handling and logistic, agriculture, escalators




Similar Part No. - IRC40SF22M1PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRC40 ETC-IRC40 Datasheet
875Kb / 2P
compact type metal clad wire wound resistors
More results


Similar Description - IRC40SF22M1PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DJ25E ETC2-DJ25E Datasheet
75Kb / 2P
Proximity Sensors Inductive ABS Housing
DU10E ETC2-DU10E Datasheet
83Kb / 3P
Proximity Sensors Inductive ABS Housing
EI0401NPCSS ETC2-EI0401NPCSS Datasheet
72Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EI0601NACS ETC2-EI0601NACS Datasheet
63Kb / 2P
Proximity Sensors Inductive Stainless Steel Housing
EIA4025UPAP ETC2-EIA4025UPAP Datasheet
116Kb / 3P
Proximity Sensors Inductive Thermoplastic Polyester Housing
logo
Carlo Gavazzi Holding A...
IA12CSF02UCM1 CARLOGAVAZZI-IA12CSF02UCM1 Datasheet
87Kb / 3P
Proximity Sensors Inductive Thermoplastic Polyester Housing
SB2S5 CARLOGAVAZZI-SB2S5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MSA1 CARLOGAVAZZI-MSA1 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
MMA3 CARLOGAVAZZI-MMA3 Datasheet
54Kb / 2P
Proximity Magnetic Sensors Rectangular Housing
SPD242403 CARLOGAVAZZI-SPD242403 Datasheet
179Kb / 3P
Proximity Magnetic Sensors Rectangular Housing SPB2 Series
More results




About Carlo Gavazzi Holding AG


Carlo Gavazzi Holding AG is a publicly-traded Swiss electronics company that designs, manufactures, and markets a wide range of automation components and systems for industrial and building automation applications. The company was founded in 1931 and is headquartered in Steinhausen, Switzerland.

Carlo Gavazzi's products include sensors, switches, relays, and control components, as well as monitoring and energy management systems for use in industrial and commercial applications. The company's products are used in a variety of industries, including manufacturing, building automation, renewable energy, and transportation.

Carlo Gavazzi also offers engineering and consulting services to help customers optimize their automation systems and improve energy efficiency. The company has a global presence, with operations in Europe, the Americas, and Asia, and sells its products through a network of distributors and partners around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com