Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTACV Datasheet (PDF) - auris-GmbH

ZTACV Datasheet PDF - auris-GmbH
Part # ZTACV
Download  ZTACV Download
File Size   128.77 Kbytes
Page   1 Pages
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH
Description Resonator SMD, 2 Pin

ZTACV Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTACV Datasheet PDF - auris-GmbH

Part # ZTACV
Download  ZTACV Click to download

File Size   128.77 Kbytes
Page   1 Pages
Manufacturer  AURIS [auris-GmbH]
Direct Link  http://www.auris-gmbh.de
Logo AURIS - auris-GmbH
Description Resonator SMD, 2 Pin

ZTACV Datasheet (HTML) - auris-GmbH




Similar Part No. - ZTACV

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ZTACV ECM-ZTACV Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTACV ETC2-ZTACV Datasheet
148Kb / 1P
CERAMIC RESONATOR
logo
ILSI America LLC
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
logo
Yuechung International ...
ZTACV YIC-ZTACV Datasheet
424Kb / 1P
ZTA - DIP Series of Ceramic Resonator
logo
PETERMANN-TECHNIK
ZTACV-MT PETERMANN-ZTACV-MT Datasheet
1Mb / 5P
SMD CERAMIC RESONATORS
More results


Similar Description - ZTACV

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
ZTACC AURIS-ZTACC Datasheet
125Kb / 1P
Resonator SMD, 2 Pin
ZTB AURIS-ZTB Datasheet
163Kb / 1P
Resonator THT, 2 Pin
ZTTCC AURIS-ZTTCC Datasheet
143Kb / 1P
Resonator SMD, 3 Pin
ZTTCR AURIS-ZTTCR Datasheet
188Kb / 1P
Resonator SMD, 3 Pin
ZTY AURIS-ZTY Datasheet
59Kb / 1P
Resonator SMD, 2 Pin
logo
Oscilent Corporation
672-12.0M-33-03 OSCILENT-672-12.0M-33-03 Datasheet
141Kb / 3P
SMD Resonator
674-10.5M-33-03 OSCILENT-674-10.5M-33-03 Datasheet
143Kb / 3P
SMD Resonator
R-674 OSCILENT-R-674 Datasheet
143Kb / 3P
SMD Resonator
R-685 OSCILENT-R-685 Datasheet
120Kb / 1P
SMD Resonator
More results




About auris-GmbH


auris-GmbH is a German company that specializes in the development and production of high-precision automation solutions for a wide range of industries, including medical technology, automotive, and electronics. The company was founded in 2014 and is headquartered in Germany.

auris-GmbH offers a wide range of automation solutions, including custom-made assembly machines, test systems, and robot-assisted production systems. The company's products are designed to increase production efficiency and quality while reducing costs and waste.

The company's engineering team has extensive experience in developing advanced automation technologies for a variety of industries. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

auris-GmbH's products are known for their high quality, reliability, and precision. The company uses advanced technologies and materials to develop automation solutions that are efficient, durable, and cost-effective.

Overall, auris-GmbH is a trusted provider of high-precision automation solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com