Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6812-1 Datasheet (PDF) - Analog Devices

LTC6812-1 Datasheet PDF - Analog Devices
Part # LTC6812-1
Download  LTC6812-1 Download
File Size   4266.05 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Cell Battery Stack Monitors

LTC6812-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6812-1 Datasheet PDF - Analog Devices

Part # LTC6812-1
Download  LTC6812-1 Click to download

File Size   4266.05 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Cell Battery Stack Monitors

LTC6812-1 Datasheet (HTML) - Analog Devices


LTC6812-1 Product details

DESCRIPTION
The LTC®6811 is a multicell battery stack monitor that
measures up to 12 series connected battery cells with
a total measurement error of less than 1.2mV. The cell
measurement range of 0V to 5V makes the LTC6811
suitable for most battery chemistries. All 12 cells can be
measured in 290μs, and lower data acquisition rates can
be selected for high noise reduction.
Multiple LTC6811 devices can be connected in series, permitting
simultaneous cell monitoring of long, high voltage
battery strings. Each LTC6811 has an isoSPI interface for
high speed, RF-immune, long distance communications.
Using the LTC6811-1, multiple devices are connected in
a daisy chain with one host processor connection for all
devices. Using the LTC6811-2, multiple devices are connected
in parallel to the host processor, with each device
individually addressed.
The LTC6811 can be powered directly from the battery
stack or from an isolated supply. The LTC6811 includes
passive balancing for each cell, with individual PWM
duty cycle control for each cell. Other features include an
onboard 5V regulator, five general purpose I/O lines and a
sleep mode, where current consumption is reduced to 4μA.

FEATURES
- Pin-Compatible Upgrade from the LTC6804
- Measures Up to 12 Battery Cells in Series
- 1.2mV Maximum Total Measurement Error
- Stackable Architecture for High Voltage Systems
- Built-in isoSPITM Interface
- 1Mb Isolated Serial Communications
- Uses a Single Twisted Pair, up to 100 Meters
- Low EMI Susceptibility and Emissions
- 290μs to Measure All Cells in a System
- Synchronized Voltage and Current Measurement
- 16-Bit ADC with Programmable Noise Filter
- Engineered for ISO 26262-Compliant Systems
- Passive Cell Balancing with Programmable Timer
- 5 General Purpose Digital I/O or Analog Inputs
- Temperature or other Sensor Inputs
- Configurable as an I2C or SPI master
- 4μA Sleep Mode Supply Current
- 48-Lead SSOP Package
- AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
- Electric and Hybrid Electric Vehicles
- Backup Battery Systems
- Grid Energy Storage
- High Power Portable Equipment




Similar Part No. - LTC6812-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
Daisy Chain isoSPI Battery-Stack Monitor
logo
Analog Devices
LTC6812-1 AD-LTC6812-1 Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
LTC6812-1 AD-LTC6812-1 Datasheet
3Mb / 80P
Current, Voltage, and Charge Monitor for High Voltage Battery Packs
11/20-REV.A
More results


Similar Description - LTC6812-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6804-1 LINER-LTC6804-1 Datasheet
934Kb / 72P
Multicell Battery Monitors
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6804-1 LINER-LTC6804-1_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
LTC6804-2 LINER-LTC6804-2_15 Datasheet
927Kb / 74P
Multicell Battery Monitors
logo
Aeroflex Circuit Techno...
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Linear Technology
LTC6811-1 LINER-LTC6811-1 Datasheet
2Mb / 88P
Multicell Battery Monitors
logo
CSB Battery Co., Ltd.
HR1224WF2F1 CSB-BATTERY-HR1224WF2F1 Datasheet
661Kb / 2P
Battery - 12 Volt 24Watts/Cell 6.4Amp Hour
logo
Analog Devices
LTC6810-1 AD-LTC6810-1 Datasheet
3Mb / 90P
6 Channel Battery Stack Monitors
03/20-REV.A
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
logo
Analog Devices
ADBMS2950 AD-ADBMS2950 Datasheet
231Kb / 2P
Battery Pack Monitors
Rev. SpA
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com