Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10S271K Datasheet (PDF) - List of Unclassifed Manufacturers

10S271K Datasheet PDF - List of Unclassifed Manufacturers
Part # 10S271K
Download  10S271K Download
File Size   104.06 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description The clamping voltage from 080P to 680K are tested at current 5A.

10S271K Datasheet (PDF)

Go To PDF Page Download Datasheet
10S271K Datasheet PDF - List of Unclassifed Manufacturers

Part # 10S271K
Download  10S271K Click to download

File Size   104.06 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description The clamping voltage from 080P to 680K are tested at current 5A.

10S271K Datasheet (HTML) - List of Unclassifed Manufacturers


10S271K Product details

Material of lead wire : Tin Plated Copper Covered Steel Wire
Material of coating : Epoxy powder
Color of coating : Yellowish brown
Storage condition→ Temperature: -40℃~125℃/ Humidity : 75%RH max. Status
Operation temperature range(18V~150V) : -40 to 85 ℃
Operation temperature range(180V~1800V) : -40 to 125 ℃




Similar Part No. - 10S271K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10S-1R ETC-10S-1R Datasheet
3Mb / 16P
Compact Design Pneumatic Cylinder/ Switch Set
10S-1RD ETC-10S-1RD Datasheet
3Mb / 16P
Compact Design Pneumatic Cylinder/ Switch Set
10S-1RG ETC-10S-1RG Datasheet
3Mb / 16P
Compact Design Pneumatic Cylinder/ Switch Set
10S-1RGD ETC-10S-1RGD Datasheet
3Mb / 16P
Compact Design Pneumatic Cylinder/ Switch Set
10S-1RSR ETC-10S-1RSR Datasheet
3Mb / 16P
Compact Design Pneumatic Cylinder/ Switch Set
More results


Similar Description - 10S271K

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
logo
National Semiconductor ...
MJLM120-5-H NSC-MJLM120-5-H Datasheet
15Kb / 4P
VOLTAGE REGULATOR -5 VOLTS AT .5A
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
Migrating from the S71WS512N to the S71WS512P
logo
Texas Instruments
CD4081BE TI-CD4081BE Datasheet
1Mb / 30P
100% tested for quiescent current at 20V
logo
Advanced Power Electron...
APE1920 A-POWER-APE1920 Datasheet
1Mb / 16P
680K/1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Exar Corporation
DAN-161 EXAR-DAN-161 Datasheet
26Kb / 2P
MIGRATING FROM THE XR16C2850 TO THE XR16L2751
DAN-162 EXAR-DAN-162 Datasheet
21Kb / 2P
MIGRATING FROM THE XR16C2852 TO THE XR16L2752
DAN-164 EXAR-DAN-164 Datasheet
137Kb / 3P
MIGRATING FROM THE ST16C2550 TO THE XR16L2750
DAN-183 EXAR-DAN-183 Datasheet
94Kb / 5P
MIGRATING FROM THE XR17D15X TO THE XR17V25X
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-344JT AVAGO-ACPL-344JT Datasheet
315Kb / 17P
Miller-Current Clamping
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com