Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50W-1E2N Datasheet (PDF) - DB Lectro Inc

50W-1E2N Datasheet PDF - DB Lectro Inc
Part # 50W-1E2N
Download  50W-1E2N Download
File Size   984.21 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.

50W-1E2N Datasheet (PDF)

Go To PDF Page Download Datasheet
50W-1E2N Datasheet PDF - DB Lectro Inc

Part # 50W-1E2N
Download  50W-1E2N Click to download

File Size   984.21 Kbytes
Page   2 Pages
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc
Description MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.

50W-1E2N Datasheet (HTML) - DB Lectro Inc




Similar Part No. - 50W-1E2N

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
50W01622HM260 ASHCROFT-50W01622HM260 Datasheet
529Kb / 3P
Threaded Thermowells
RevL_01-20-23
50W01622HM385 ASHCROFT-50W01622HM385 Datasheet
529Kb / 3P
Threaded Thermowells
RevL_01-20-23
50W01622HT260 ASHCROFT-50W01622HT260 Datasheet
529Kb / 3P
Threaded Thermowells
RevL_01-20-23
50W01622HT385 ASHCROFT-50W01622HT385 Datasheet
529Kb / 3P
Threaded Thermowells
RevL_01-20-23
50W01622LHM260 ASHCROFT-50W01622LHM260 Datasheet
529Kb / 3P
Threaded Thermowells
RevL_01-20-23
More results


Similar Description - 50W-1E2N

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
Advanced Crystal Techno...
ACT225SMX-4 ACT-ACT225SMX-4 Datasheet
168Kb / 2P
ideal for fitting on high density boards
16/0305
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
logo
Advanced Crystal Techno...
ACT225SMX-4 ACT-ACT225SMX-4_12 Datasheet
393Kb / 2P
ideal for fitting on high density boards
31-10-2012
logo
Tyco Electronics
159-117G00 MACOM-159-117G00 Datasheet
294Kb / 6P
Mercury-Wetted Reed Relays
logo
BetLux Electronics
BL-D30E-21 BETLUX-BL-D30E-21 Datasheet
316Kb / 5P
Easy mounting on P.C. Boards or sockets
REV NO: V.2
BL-D30G-21 BETLUX-BL-D30G-21 Datasheet
346Kb / 5P
Easy mounting on P.C. Boards or sockets
REV NO: V.2
BL-D30I-21 BETLUX-BL-D30I-21 Datasheet
341Kb / 5P
Easy mounting on P.C. Boards or sockets
REV NO: V.2
logo
Japan Aviation Electron...
ES6 JAE-ES6 Datasheet
594Kb / 6P
Saves mounting space on boards and is ideal for compact bulbs and fixtures.
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
Mounting Boards for Input/Output Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com