Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2176 Datasheet (PDF) - Alpha Wire

2176 Datasheet PDF - Alpha Wire
Part # 2176
Download  2176 Download
File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2176 Datasheet (PDF)

Go To PDF Page Download Datasheet
2176 Datasheet PDF - Alpha Wire

Part # 2176
Download  2176 Click to download

File Size   101.3 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2176 Datasheet (HTML) - Alpha Wire


2176 Product details

Construction
1) Conductor
a) Material Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding Solid
c) Diameter 0.005"
2) Braid Data
a) Nominal ID 25/32" (.781)
b) AWG of Ends 36
c) Number of Carriers 48
d) Nominal Percent Coverage 99
e) Total Number of Ends 864
f) Approx. Equiv. AWG 7
g) Approx. Ampacity 88Amps
h) Federal Spec Number AA59569R36T0781

Applicable Specifications
1) DSCC CID A-A-59569A




Similar Part No. - 2176

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2176 ADAFRUIT-2176 Datasheet
220Kb / 3P
5mm Chromed Metal Narrow Bevel LED Holder - Pack of 5
10/5/2015
logo
Alpha Wire
2176 ALPHAWIRE-2176 Datasheet
64Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
9/28/2004
2176 SV005 ALPHAWIRE-2176 SV005 Datasheet
345Kb / 3P
Customer Specification
5/19/2017
logo
Molex Electronics Ltd.
2176-T MOLEX1-2176-T Datasheet
103Kb / 2P
Flat Blade Crimp Terminal, Series 2176, Female, With Tin (Sn) Plated Brass Contact, With Detent, 14-22 AWG (or 18 AWG Double Crimp), Reel Packaged
logo
Sumida Corporation
2176-T060 SUMIDA-2176-T060 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
More results


Similar Description - 2176

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com