Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62C Datasheet (PDF) - Grayhill, Inc

62C Datasheet PDF - Grayhill, Inc
Part # 62C
Download  62C Download
File Size   5591.65 Kbytes
Page   33 Pages
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc
Description Custom, Absolute

62C Datasheet (PDF)

Go To PDF Page Download Datasheet
62C Datasheet PDF - Grayhill, Inc

Part # 62C
Download  62C Click to download

File Size   5591.65 Kbytes
Page   33 Pages
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc
Description Custom, Absolute

62C Datasheet (HTML) - Grayhill, Inc


62C Product details

FEATURES
• Absolute Position Sensing
• 3, 4, or 5-Bit Custom Output Coding
• 8 to 32 Positions
• Fixed Stops Only
• Angles of Throw to 45° (Design
Specifications Will Dictate the Angle
of Throw)

FEATURES
• Compact Size, Requires Minimal
Behind Panel Space
• 1/2 Million Rotations for High
Torque
• 1 Million Rotational Cycles,
3 Million for Non-Detent Styles
• Optional Integral Pushbutton

FEATURES
• Long Lasting (1 million cycles)
• Optional pushbutton
• Available in 16 and 32 Detent
Positions
• 4 inch cable / connector assembly

FEATURES
• Low Cost
• Long Life
• Available in 3.3 or 5.0 Vdc
Operating Voltages
• High Torque Version
to Emphasize Rotational Feel
• Economical Size
• Optically Coupled for More than a
Million Cycles
• Optional Integral Pushbutton
• Compatible with CMOS, TTL and
HCMOS Logic
• Available in 12,16, 20, 24 and 32
Detent Positions (Non-detent Also
Available)
• Choices of Cable Length and
Terminations




Similar Part No. - 62C

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
128K x 8 LOW POWER CMOS STATIC RAM
logo
Grayhill, Inc
62C1111-01-040C GRAYHILL-62C1111-01-040C Datasheet
430Kb / 2P
Economical Size Combined Functionality
62C1111-02-040C GRAYHILL-62C1111-02-040C Datasheet
430Kb / 2P
Economical Size Combined Functionality
62C1122-01-040C GRAYHILL-62C1122-01-040C Datasheet
430Kb / 2P
Economical Size Combined Functionality
62C1122-02-040C GRAYHILL-62C1122-02-040C Datasheet
430Kb / 2P
Economical Size Combined Functionality
More results


Similar Description - 62C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KP125N4115 INFINEON-KP125N4115 Datasheet
715Kb / 24P
Absolute Pressure Sensor
Rev 1.01, 2007-11-23
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
logo
Baumer IVO GmbH & Co. K...
GA240.030A005 IVO-GA240.030A005 Datasheet
649Kb / 4P
Absolute encoders - SSI
logo
CUI INC
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
Grayhill, Inc
61A32-060 GRAYHILL-61A32-060 Datasheet
432Kb / 2P
Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
logo
OSRAM GmbH
LCBG6SP OSRAM-LCBG6SP Datasheet
1Mb / 22P
Custom Tuning
More results




About Grayhill, Inc


Grayhill, Inc. is a privately held company that designs and manufactures electronic components and systems, with a particular focus on human interface devices such as keypads, rotary switches, and optical encoders. The company was founded in 1943 and is headquartered in La Grange, Illinois, USA.

Grayhill's products are used in a wide range of industries, including aerospace, medical, automotive, and telecommunications. Some of the company's key products include touchscreens, joysticks, and pushbutton switches.

In addition to its manufacturing capabilities, Grayhill also offers design and engineering services to help customers develop custom solutions tailored to their specific needs. The company has a reputation for high-quality products and exceptional customer service, and has won numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com