Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78MXXD Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

78MXXD Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # 78MXXD
Download  78MXXD Download
File Size   319.8 Kbytes
Page   6 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 3-Terminals 0.5A Positive Voltage Regulator

78MXXD Datasheet (PDF)

Go To PDF Page Download Datasheet
78MXXD Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 78MXXD
Download  78MXXD Click to download

File Size   319.8 Kbytes
Page   6 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 3-Terminals 0.5A Positive Voltage Regulator

78MXXD Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


78MXXD Product details

Features
Peak output current to 0.5A
Fixed output voltage of 5V, 6V, 8V, 9V, 12V, 15V available
Thermal overload shutdown protection.
Short circuit current limiting
Output transistor SOA protection.




Similar Part No. - 78MXXD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78MXX UTC-78MXX Datasheet
221Kb / 6P
LINEAR INTEGRATED CIRCUIT
78MXX UTC-78MXX Datasheet
284Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX Datasheet
239Kb / 6P
3-TERMINAL 300mA POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX Datasheet
336Kb / 10P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
More results


Similar Description - 78MXXD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXX UTC-78TXX Datasheet
171Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_11 Datasheet
162Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXX UTC-78DXX_12 Datasheet
350Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_12 Datasheet
195Kb / 6P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS78DXX AMS-AMS78DXX Datasheet
488Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78DXX UTC-78DXX_15 Datasheet
373Kb / 9P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_15 Datasheet
228Kb / 7P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78DXXL UTC-78DXXL_17 Datasheet
214Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_17 Datasheet
280Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
78TXX UTC-78TXX_V01 Datasheet
362Kb / 8P
3-TERMINALS 0.5A POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com