Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8KP130A Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

8KP130A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # 8KP130A
Download  8KP130A Download
File Size   623.53 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 8000W Axial Leaded Transient Voltage Suppressors

8KP130A Datasheet (PDF)

Go To PDF Page Download Datasheet
8KP130A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 8KP130A
Download  8KP130A Click to download

File Size   623.53 Kbytes
Page   5 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description 8000W Axial Leaded Transient Voltage Suppressors

8KP130A Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


8KP130A Product details

FEATURES
Peak power dissipation 8000w @10 x 1000 us Pulse
Low profile package.
Excellent clamping capability.
Glass passivated junction.
Fast response time: typically less than 1ps from 0 volts to BV min
Typical IR less than 5uA when VBR min above 24V.
IEC 61000-4-2 ESD 30kv(air), 30kv(contact)
ESD protection of data lines in accordance with IEC 61000-4-2
EFT protection of data lines in accordance with IEC 61000 4-4
Halogen free and ROHS compliant
Lead-free finish




Similar Part No. - 8KP130A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
8KP130A SEMITECH-8KP130A Datasheet
484Kb / 4P
Excellent clamping capability
More results


Similar Description - 8KP130A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
5000Watts Axial Leaded Transient Voltage Suppressors
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
HuaXinAn Electronics CO...
8KP20A HUAXINAN-8KP20A Datasheet
197Kb / 2P
8000W Transient Voltage Suppressors
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com