Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT2180A Datasheet (PDF) - List of Unclassifed Manufacturers

THAT2180A Datasheet PDF - List of Unclassifed Manufacturers
Part # THAT2180A
Download  THAT2180A Download
File Size   227.36 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Pre-Trimmed IC Voltage Controlled Amplifiers

THAT2180A Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT2180A Datasheet PDF - List of Unclassifed Manufacturers

Part # THAT2180A
Download  THAT2180A Click to download

File Size   227.36 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Pre-Trimmed IC Voltage Controlled Amplifiers

THAT2180A Datasheet (HTML) - List of Unclassifed Manufacturers


THAT2180A Product details

[THAT Corporation]

Description
THAT 2180 Series integrated-circuit voltage controlled amplifiers (VCAs) are very high-performance current-in/current-out devices with two opposing-polarity, voltage-sensitive control ports. They offer wide-range exponential control of gain and attenuation with low signal distortion. The parts are trimmed at wafer stage for low THD and control-voltage feedthrough without further adjustment.
The VCA design takes advantage of a fully complementary dielectric isolation process which offers closely matched NPN/PNP pairs, to deliver discrete performance at IC prices. The parts are available in three grades, selected for factory trimmed distortion, alowing the user to optimize cost vs. performance. The 2180 Series is available in an 8-pin single-in-line (SIP) package.

FEATURES
• Wide Dynamic Range: >120 dB
• Wide Gain Range: >130 dB
• Exponential (dB) Gain Control
• Low Distortion: < 0.01 % (2180A)
• Wide Gain-Bandwidth: 20 MHz
• Dual Gain-Control Ports (pos/neg)
• Pin-Compatible with 2150-Series

APPLICATIONS
• Faders
• Panners
• Compressors
• Expanders
• Equalizers
• Filters
• Oscillators
• Automation System




Similar Part No. - THAT2180A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2181A ETC1-THAT2181A Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2181B ETC1-THAT2181B Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT2181C ETC1-THAT2181C Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
More results


Similar Description - THAT2180A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
Pre-trimmed Analog Engine짰 IC
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
logo
List of Unclassifed Man...
2162Q16-U ETC2-2162Q16-U Datasheet
140Kb / 11P
Dual Pre-trimmed Blackmer
logo
Analog Devices
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com