Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH68F83 Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH68F83 Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH68F83
Download  SH68F83 Download
File Size   870.33 Kbytes
Page   58 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Low Speed USB Micro-controller

SH68F83 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH68F83 Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH68F83
Download  SH68F83 Click to download

File Size   870.33 Kbytes
Page   58 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Low Speed USB Micro-controller

SH68F83 Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH68F83 Product details

Features
 8-bit CMOS Micro-Processor (uP) core
- Instruction set is compatible with standard 8051
- Build-in 6MHz RC Oscillator for USB and MCU
 Memory
- 16K Bytes Flash
- Support USB Self-Sectors-Programming (SSP)
- 256 bytes internal data memory
 Operation voltage 4.4V - 5.25V
 One set of Time Capture Circuit (Rising and Falling edge)
 Build-in 32KHz oscillator for programmable wake up timer
 3.3V regulator output
- Maximum driving current 20mA
 Up to 37 general purpose I/O ports in 48 pin QFN package
 Interrupt
- 11 vectors interrupt structure
- 2 programmable priority levels
 Two 8-Bit auto-reloadable Base Timer
 USB Specification Compliance
- Complies with USB specification 1.1
- Support one Low-Speed USB Device Address with
- 3 endpoints (endpoint 0, 1, and 2)
- Built-in 1.5Kohms USB pull-up resistor
 Built-in Watch Dog Timer (WDT)
 Two blue LED port
 Reset
- Hardware reset
- External reset, Power-on reset, Low-voltage reset
- USB reset
- Watch-Dog reset
- Resume reset
 Two power-reducing modes:
- Idle mode
- Power-Down mode
 Package:
- 52 pad Chip Form
- 48 pin QFN (6 X 6)

General Description
The SH68F83 is designed for high performance, high integrated Low-speed USB devices and capable of USB In-System-Programming. It contains an 8051 micro-controller, Low-Speed USB SIE, Transceiver and data FIFO, build-in 3.3V regulator, on-chip 16K bytes program memory and internal 256 bytes data memory, Two 8-Bit auto-reloadable Base Timer, programmable Watch-dog timer and Wake-up timer, 37 selectable GPIO in 48 pin QFN package, build-in 6MHz oscillator to eliminate external crystal, POR and LVR circuit saving your external components cost. The SH68F83 is a highly integrated MCU designed for cost effective applications. Application can cover such items as Keyboards and others.




Similar Part No. - SH68F83

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
SH68-68 NI-SH68-68 Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-D1 NI-SH68-68-D1 Datasheet
114Kb / 3P
Counter/Timer Accessories and Cables
SH68-68-D1 NI-SH68-68-D1 Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-EP NI-SH68-68-EP Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-EPM NI-SH68-68-EPM Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
More results


Similar Description - SH68F83

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
enCoRe USB Low-speed USB Peripheral Controller
October 21, 2002
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
Low-speed USB Peripheral Controller
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
Low-speed USB Peripheral Controller
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
Low-speed USB Peripheral Controller
logo
Megawin Technology Co.,...
MPC2F35 MEGAWIN-MPC2F35 Datasheet
250Kb / 46P
Low-speed USB micro-controller
MPC235 MEGAWIN-MPC235 Datasheet
672Kb / 50P
Low-Speed USB Micro-Controller
MG84FL54B MEGAWIN-MG84FL54B Datasheet
890Kb / 94P
Full-Speed USB micro-controller
logo
SINOWEALTH Electronic L...
SH61F83 SINOWEALTH-SH61F83 Datasheet
906Kb / 54P
Low Speed USB Micro-controller
V2.0
XA2001 SINOWEALTH-XA2001 Datasheet
523Kb / 56P
Low Speed USB Micro-controller
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com