Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH79F0819 Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F0819 Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F0819
Download  SH79F0819 Download
File Size   1237.44 Kbytes
Page   101 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 10bit ADC

SH79F0819 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F0819 Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F0819
Download  SH79F0819 Click to download

File Size   1237.44 Kbytes
Page   101 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 10bit ADC

SH79F0819 Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F0819 Product details

1. Features
 8bits micro-controller with Pipe-line structured 8051 compatible instruction set
 Flash ROM: 8K Bytes
 RAM: internal 256 Bytes, external 256 Bytes, LCD RAM 19Bytes
 EEPROM-like: 1K Bytes
 Operation Voltage:
fOSC = 32.768kHz - 12.3MHz, VDD = 2V - 5.5V
 Oscillator (code option)
- Crystal oscillator: 32.768kHz
- Crystal oscillator: 2MHz - 12.3MHz
- Ceramic oscillator: 2MHz - 12.3MHz
- Internal RC: 12.3MHz (±2%)/128K
 26 CMOS bi-directional I/O pins
 Built-in pull-up resistor for input pin
 Four 16-bit timer/counters T2, T3, T4 and T5
 One 12-bit PWM
 Powerful interrupt sources:
- Timer2, 3, 4, 5
- INT2, 3
- INT40, INT41, INT42, INT43
- ADC, EUART, SCM, LPD
- PWM
 EUART0
 6channels 10-bits Analog Digital Converter (ADC), with comparator function built-in
 Buzzer
 LED driver:
- 4 X 8 dots (1/4 duty)
 LCD driver:
- 4 X 12 dots (1/4 duty 1/3 bias)
 Low Voltage Reset (LVR) function (enabled by code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 2.1V
 CPU Machine cycle:
1 oscillator clock
 Watch Dog Timer (WDT)
 Warm-up Timer
 Support Low power operation modes:
- Idle Mode
- Power-Down Mode
 Flash Type
 Package: SOP28/TSSOP28




Similar Part No. - SH79F0819

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F081BM/028MU SINOWEALTH-SH79F081BM/028MU Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Similar Description - SH79F0819

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com