Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78G Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM78G Datasheet PDF - National Semiconductor (TI)
Part # LM78G
Download  LM78G Download
File Size   2898.59 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 4-Terminal Adjustable Voltage Regulators

LM78G Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78G Datasheet PDF - National Semiconductor (TI)

Part # LM78G
Download  LM78G Click to download

File Size   2898.59 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 4-Terminal Adjustable Voltage Regulators

LM78G Datasheet (HTML) - National Semiconductor (TI)


LM78G Product details

General Description
The LM78G and LM79G are 4-terminal adjustable voltage regulators. They are designed to deliver continuous load currents of up to 1.0A with a maximum input voltage of + 40V for the positive regulator LM78G and -40V for the negative regulator LM79G. Output current capability can be increased to greater than 1.0A through use of one or more external transistors. The output voltage range of the LM78G positive voltage regulator is +5V to +30V and the output voltage range of the negative LM79G is -30V to -2.55V. For systems requiring both a positive and negative, the LM78G and LM79G are excellent for use as a dual tracking regulator with appropriate external circuitry.

Features
■ Output current in excess of 1A
■ LM78Q positive output + 5V to + 30V
■ LM79G negative output -30V to -2.55V
■ Internal thermal overload protection
■ Internal short circuit protection
■ Output transistor safe-area protection




Similar Part No. - LM78G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
logo
TAITRON Components Inco...
LM78 TAITRON-LM78 Datasheet
379Kb / 12P
1A Positive Voltage Regulator
logo
Texas Instruments
LM78 TI-LM78 Datasheet
2Mb / 28P
LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
First Components Intern...
LM7800 FCI-LM7800 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
National Semiconductor ...
LM7800 NSC-LM7800 Datasheet
303Kb / 10P
3-Terminal Positive Voltage Regulators
More results


Similar Description - LM78G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
Mar-1993
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
Mar-1993
logo
Fairchild Semiconductor
UA78G FAIRCHILD-UA78G Datasheet
478Kb / 9P
4-Terminal Adjustable Voltage Regulators
UA78MG FAIRCHILD-UA78MG Datasheet
536Kb / 10P
4-Terminal Adjustable Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
Three Terminal Adjustable Output Positive Voltage Regulators
logo
National Semiconductor ...
LM78MG NSC-LM78MG Datasheet
781Kb / 11P
4-TERMINAL ADJUSTABLE VOLTAGE REGULATORS
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
Three-terminal adjustable negative voltage regulators
17-Jul-2008
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
Three-terminal 5 A adjustable voltage regulators
11-Apr-2008
logo
Eorex Corporation
EP1017 EOREX-EP1017_15 Datasheet
382Kb / 8P
THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com