|
Features
SPI interface
• Supports serial peripheral interface (SPI) and dual/quad outputs
• Wide voltage range:
– VCC from 1.6 to 3.6 V
• Temperature range:
– Industrial range: -40 °C to +85 °C
– Extended range: -40 °C to +105 °C
• Fast read:
– 50 MHz read single output
Description
The M95P32-I and M95P32-E are manufactured with ST's advanced proprietary NVM technology. They offer byte
flexibility, page alterability, high page cycling performance, and ultra-low power consumption, equivalent to that of
EEPROM technology.
The M95P32-I and M95P32-E are a 32-Mbit SPI page EEPROM device organized as 8192 programmable pages
of 512 bytes each, accessed through an SPI bus with high-performance dual- and quad-SPI outputs.
The device offers two additional (identification) pages of 512 bytes:
• The first contains identification data and, upon request, the UID.
• The second can be used to store sensitive application parameters, which can (later) be permanently locked
in read-only mode.
Additional status, configuration, and volatile registers set the desired device configuration, while the safety
register gives device status information.
The M95P32-I operates with a supply voltage from 1.6 to 3.6 V over an ambient temperature range of -40 °C to
+85 °C (+105 °C for the extended range). The M95P32-E offers an extended range of temperature of -40°C to
+105 °C. The device supports a clock frequency of up to 80 MHz.
The M95P32-I and M95P32-E offer byte and page write instructions of up to 512 bytes. Write instructions consist
of self-timed auto erase and program operations, resulting in flexible data byte management.
The devices also accept page/block/sector/chip erase commands in order to set the memory to an erased state.
The memory can then be fast-programmed by pages of 512 bytes, and further optimized using the "page program
with buffer load" to hide the SPI communication latency.
– 80 MHz fast read single/dual/quad output with one dummy byte
Memory
• 32 Mbits of page EEPROM
– 64-Kbyte blocks, 4-Kbyte sectors
– Page size: 512 bytes
– Two identification pages
• Write endurance:
– 500 kcycles on full temperature range
• Data retention:
– 100 years
– 10 years after 500 kcycles
Ultra-low power consumption
• 0.6 μA (typ) in deep power-down mode
• 16 μA (typ) in Standby mode
• 800 μA (typ) for read single at 10 MHz
• 1.5 mA (typ) for page write
• Current peak control < 3 mA
UFDFPN8
(4 x 4 mm)
SO8N
(4.9 x 6 mm)
WLCSP8
(2.608 x 1.531 mm)
Product status link
M95P32-I
M95P32-E
Ultra low-power 32-Mbit serial SPI page EEPROM with dual and quad outputs
M95P32-I M95P32-E
Datasheet
DS12964 -
|