Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6441 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AM6441 Datasheet PDF - Texas Instruments
Part # AM6441
Download  AM6441 Download
File Size   6212.98 Kbytes
Page   260 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AM64x Sitara™ Processors

AM6441 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM6441 Datasheet PDF - Texas Instruments

Part # AM6441
Download  AM6441 Click to download

File Size   6212.98 Kbytes
Page   260 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AM64x Sitara™ Processors

AM6441 Datasheet (HTML) - Texas Instruments


AM6441 Product details

1 Features
Processor cores:
• 1× Dual 64-bit Arm® Cortex®-A53 microprocessor
subsystem at up to 1.0 GHz
– Dual-core Cortex-A53 cluster with 256KB L2
shared cache with SECDED ECC
– Each A53 Core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Up to 2× Dual-core Arm® Cortex®-R5F MCU
subsystems at up to 800 MHz, integrated for realtime
processing
– Dual-core Arm® Cortex®-R5F supports dualcore
and single-core modes
– 32KB ICache, 32KB DCache and 64KB TCM
per each R5F core for a total of 256KB TCM
with SECDED ECC on all memories
• 1× Single-core Arm® Cortex®-M4F MCU at up to
400 MHz
– 256KB SRAM with SECDED ECC
Industrial subsystem:
• 2× gigabit Industrial Communication Subsystems
(PRU_ICSSG)
– Supports Profinet IRT, Profinet RT, EtherNet/IP,
EtherCAT, Time-Sensitive Networking (TSN),
and more
– Backward compatibility with 10/100Mb
PRU_ICSS
– Each PRU_ICSSG contains:
• 2× Ethernet ports
– MII (10/100)
– RGMII (10/100/1000)
• 6 PRU RISC cores per PRU_ICSSG each
core having:
– Instruction RAM with ECC
– Broadside RAM
– Multiplier with optional accumulator
(MAC)
– CRC16/32 hardware accelerator
– Byte swap for Big/Little Endian
conversion
– SUM32 hardware accelerator for UDP
checksum
– Task Manager for preemption support
• Three Data RAMs with ECC
• 8 banks of 30 × 32-bit register scratchpad
memory
• Interrupt controller and task manager
• Two 64-bit Industrial Ethernet Peripherals
(IEPs) for time stamping and other time
synchronization functions
• 18× Sigma-Delta filters
– Short circuit logic
– Over-current logic
• 6× Multi-protocol position encoder interfaces
• One Enhanced Capture Module (ECAP)
• 16550-compatible UART with a dedicated
192-MHz clock to support 12-Mbps
PROFIBUS
Memory subsystem:
• Up to 2MB of On-chip RAM (OCSRAM) with
SECDED ECC:
– Can be divided into smaller banks in
increments of 256KB for as many as 8 separate
memory banks
– Each memory bank can be allocated to a single
core to facilitate software task partitioning
• DDR Subsystem (DDRSS)
– Supports LPDDR4, DDR4 memory types
– 16-Bit data bus with inline ECC
– Supports speeds up to 1600 MT/s
• 1× General-Purpose Memory Controller (GPMC)
– 16-Bit parallel bus with 133 MHz clock or
– 32-Bit parallel bus with 100 MHz clock
– Error Location Module (ELM) support
System on Chip (SoC) Services:
• Device Management Security Controller (DMSC-L)
– Centralized SoC system controller
– Manages system services including initial boot,
security, and clock/reset/power management
– Communication with various processing units
over message manager
– Simplified interface for optimizing unused
peripherals
• Data Movement Subsystem (DMSS)
– Block Copy DMA (BCDMA)
– Packet DMA (PKTDMA)
– Secure Proxy (SEC_PROXY)
– Ring Accelerator (RINGACC)
Security:
• Secure boot supported
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
– Supports cryptographic cores
• AES – 128/192/256 Bits key sizes
• 3DES – 56/112/168 Bits key sizes
• MD5, SHA1
• SHA2 – 224/256/384/512
• DRBG with true random number generator
• PKA (Public Key Accelerator) to Assist in
RSA/ECC processing
– DMA support
• Debugging security
– Secure software controlled debug access
– Security aware debugging
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
• Secure storage support
• On-the-Fly encryption support for OSPI interface in
XIP mode
• Networking security support for data (Payload)
encryption/authentication via packet based
hardware cryptographic engine
• Security co-processor (DMSC-L) for key and
security management, with dedicated device level
interconnect for security
High-speed interfaces:
• 1× Integrated Ethernet switch (CPSW3G)
supporting:
– Up to 2 Ethernet ports
• RMII (10/100)
• RGMII (10/100/1000)
– IEEE 1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Clause 45 MDIO PHY management
– Energy efficient Ethernet (802.3az)
• 1× PCI-Express® Gen2 controller (PCIE)
– Supports Gen2 operation
– Supports Single Lane operation
• 1× USB 3.1 Dual-Role Device (DRD) Subsystem
(USBSS)
– Port configurable as USB host,
USB device, or
USB Dual-Role device
– USB device: High-speed (480 Mbps), and
Full-speed (12Mbps)
– USB host: SuperSpeed Gen 1 (5 Gbps),
High-speed (480 Mbps),
Full-speed (12 Mbps), and
Low-speed (1.5 Mbps)
General connectivity:
• 6× Inter-Integrated Circuit (I2C) ports
• 9× configurable Universal Asynchronous Receive/
Transmit (UART) modules
• 1× Flash Subsystem (FSS) that can be configured
as Octal SPI (OSPI) flash interfaces or one Quad
SPI (QSPI)
• 1× 12-Bit Analog-to-Digital Converters (ADC)
– Up to 4 MSPS
– 8× multiplexed analog inputs
• 7× Multichannel Serial Peripheral Interfaces
(MCSPI) controllers
• 6× Fast Serial Interface Receiver (FSI_RX) cores
• 2× Fast Serial Interface Transmitter (FSI_TX)
cores
• 3× General-Purpose I/O (GPIO) modules
Control interfaces:
• 9x Enhanced Pulse-Width Modulator (EPWM)
modules
• 3× Enhanced Capture (ECAP) modules
• 3× Enhanced Quadrature Encoder Pulse (EQEP)
modules
• 2× Modular Controller Area Network (MCAN)
modules with or without full CAN-FD support
Media and data storage:
• 2× Multi-Media Card/Secure Digital (MMC/SD/
SDIO) interfaces
– One 4-bit for SD/SDIO;
– One 8-bit for eMMC
– Integrated analog switch for voltage switching
between 3.3V to 1.8V for high-speed cards
Power management:
• Simplified power sequence
• Integrated SDIO LDO for handling automatic
voltage transition for SD interface
• Integrated voltage supervisor for safety monitoring
of over-under voltage conditions
• Integrated power supply glitch detector for
detecting fast supply transients
Functional Safety:
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3
– Hardware integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 certification planned
– ECC or parity on calculation-critical memories
– ECC and parity on select internal bus
interconnect
– Built-In Self-Test (BIST) for CPU and on-chip
RAM
– Error Signaling Module (ESM) with error pin
– Runtime safety diagnostics, voltage,
temperature, and clock monitoring, windowed
watchdog timers, CRC engine for memory
integrity checks
– Dedicated MCU domain memory, interfaces,
and M4F core capable of being isolated from
the larger SoC with Freedom From Interference
(FFI) features
• Separate interconnect
• Firewalls and timeout gaskets
• Dedicated PLL
• Dedicated I/O supply
• Separate reset
SoC architecture:
• Supports primary boot from UART, I2C, OSPI/
QSPI Flash, SPI Flash, parallel NOR Flash,
parallel NAND Flash, SD, eMMC, USB, PCIe, and
Ethernet interfaces
• 16-nm FinFET technology
• 17.2 mm × 17.2 mm, 0.8-mm pitch, 441-pin BGA
package

2 Applications
• Programmable Logic Controller (PLC)
• Motor Drives
• Remote I/O
• Industrial Robots
• Condition-Monitoring Gateway

3 Description
AM64x is an extension of the Sitara™ Industrial-grade family of heterogeneous Arm® processors. AM64x is built
for industrial applications, such as motor drives and Programmable Logic Controllers (PLCs), which require a
unique combination of real-time processing and communications with applications processing. AM64x combines
two instances of the Sitara device's gigabit TSN-enabled PRU-ICSSG with up to two Arm® Cortex®-A53 cores,
up to four Cortex-R5F MCUs, and a Cortex-M4F MCU.
AM64x is architected to provide real-time performance through the high-performance R5Fs, Tightly-Coupled
Memory banks, configurable SRAM partitioning, and dedicated low-latency paths to and from peripherals for
rapid data movement in and out of the SoC. This deterministic architecture allows for AM64x to handle the tight
control loops found in servo drives while the peripherals like FSI, GPMC, PWMs, sigma delta decimation filters,
and absolute encoder interfaces help enable a number of different architectures found in these systems.
The Cortex-A53s provide the powerful computing elements necessary for Linux applications. Linux, and Realtime
(RT) Linux, is provided through TI’s Processor SDK Linux which stays updated to the latest Long Term
Support (LTS) Linux kernel, bootloader and Yocto file system on an annual basis. AM64x helps bridge the Linux
world with the real-time world by enabling isolation between Linux applications and real-time streams through
configurable memory partitioning. The Cortex-A53s can be assigned to work strictly out of DDR for Linux, and
the internal SRAM can be broken up into various sizes for the Cortex-R5Fs to use together or independently.
The AM64x provides flexible industrial communications capability including full protocol stacks for EtherCAT
SubDevice, PROFINET device, EtherNet/IP adapter, and IO-Link Master. The PRU-ICSSG further provides
capability for gigabit and TSN based protocols. In addition, the PRU-ICSSG also enables additional interfaces in
the SoC including sigma delta decimation filters and absolute encoder interfaces.
Functional safety features can be enabled through the integrated Cortex-M4F along with dedicated peripherals
which can all be isolated from the rest of the SoC. AM64x also supports secure boot.




Similar Part No. - AM6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM6441 TI-AM6441 Datasheet
4Mb / 237P
AM64x Sitara Processors
AM6441 TI-AM6441 Datasheet
5Mb / 235P
AM64x Sitara??Processors
FEBRUARY 2022
AM6441 TI-AM6441 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM6441 TI1-AM6441 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
AM6441 TI1-AM6441 Datasheet
5Mb / 265P
AM64x Sitara™ Processors
APRIL 2024
More results


Similar Description - AM6441

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM6442 TI-AM6442 Datasheet
4Mb / 237P
AM64x Sitara Processors
AM6442 TI-AM6442_V01 Datasheet
5Mb / 235P
AM64x Sitara??Processors
FEBRUARY 2022
AM6442 TI-AM6442_V02 Datasheet
5Mb / 244P
AM64x Sitara™ Processors
REVISED JULY 2022
AM625 TI-AM625_V02 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI-AM625_V03 Datasheet
4Mb / 255P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM62A7 TI-AM62A7 Datasheet
4Mb / 218P
AM62Ax Sitara™ Processors
MARCH 2023
AM625 TI-AM625_V04 Datasheet
4Mb / 256P
AM62x Sitara™ Processors
REVISED NOVEMBER 2022
AM625 TI1-AM625_V05 Datasheet
5Mb / 259P
AM62x Sitara™ Processors
REVISED JUNE 2023
AM62A7 TI1-AM62A7_V01 Datasheet
4Mb / 238P
AM62Ax Sitara™ Processors
REVISED AUGUST 2023
AM6442 TI1-AM6442_V04 Datasheet
6Mb / 263P
AM64x Sitara™ Processors
REVISED SEPTEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com