Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1206 Datasheet (PDF) - Stackpole Electronics, Inc.

HMC1206 Datasheet PDF - Stackpole Electronics, Inc.
Part # HMC1206
Download  HMC1206 Download
File Size   274.97 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Value Thick Film Chip Resistor

HMC1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1206 Datasheet PDF - Stackpole Electronics, Inc.

Part # HMC1206
Download  HMC1206 Click to download

File Size   274.97 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Value Thick Film Chip Resistor

HMC1206 Datasheet (HTML) - Stackpole Electronics, Inc.


HMC1206 Product details

Features:
• R Value extension of RMCF product
• Highly stable performance over time
• Power derating from 100% at 70ºC to zero at 125ºC
• E12 and E24 values
• Nickel barrier terminations
• RoHS compliant by means of exemption 7c-I
• Halogen free
• REACH compliant




Similar Part No. - HMC1206

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
HMC121 HITTITE-HMC121 Datasheet
102Kb / 4P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 15 GHz
HMC121C8 HITTITE-HMC121C8 Datasheet
191Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC121G8 HITTITE-HMC121G8 Datasheet
132Kb / 4P
GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results


Similar Description - HMC1206

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GC652M5FA IRCTT-GC652M5FA Datasheet
194Kb / 2P
High Value Thick Film Resistor
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201_13 Datasheet
167Kb / 1P
Thick Film Chip Resistor
logo
Samsung semiconductor
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
THICK-FILM CHIP RESISTOR
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
Thick Film Chip Resistor
logo
Vishay Siliconix
CRCW-HRE3 VISHAY-CRCW-HRE3 Datasheet
91Kb / 5P
Lead (Pb)-Free Thick Film, Rectangular High Value Chip Resistor
12-Jun-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com