Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVD05 Datasheet (PDF) - Stackpole Electronics, Inc.

HVD05 Datasheet PDF - Stackpole Electronics, Inc.
Part # HVD05
Download  HVD05 Download
File Size   327.94 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Plate Resistor Divider

HVD05 Datasheet (PDF)

Go To PDF Page Download Datasheet
HVD05 Datasheet PDF - Stackpole Electronics, Inc.

Part # HVD05
Download  HVD05 Click to download

File Size   327.94 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description High Voltage Plate Resistor Divider

HVD05 Datasheet (HTML) - Stackpole Electronics, Inc.


HVD05 Product details

Features:
• Ohmic values to 2000G
• Voltage ratings to 40KV
• Ultra-high stability
• Tight tolerances to 0.1%
• Very low noise
• Low TCR to 25 ppm/ºC
• Absolute tolerance typically ± 15%
• Resistance ratio = (R1 + R2) / R2 where R1 > R2
• The resistance value = the total resistance value of the part (R1 + R2)
• Custom solutions available
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - HVD05

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HVD08 TTELEC-HVD08 Datasheet
364Kb / 2P
Non-inductive design
More results


Similar Description - HVD05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDHV2512 VISHAY-CDHV2512 Datasheet
107Kb / 3P
High Voltage Chip Divider
18-Nov-05
logo
MERITEK ELECTRONICS COR...
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
MRS13SD1002T KOA-MRS13SD1002T Datasheet
407Kb / 2P
plate-shaped high precision metal film resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
List of Unclassifed Man...
CSM0603 ETC2-CSM0603 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
logo
Vishay Siliconix
ULDCR11 VISHAY-ULDCR11 Datasheet
179Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
ULDCR00 VISHAY-ULDCR00 Datasheet
211Kb / 4P
Compact Metal Plate Power Resistor
27-Mar-15
logo
Stackpole Electronics, ...
HVR SEI-HVR Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
MPR SEI-MPR Datasheet
242Kb / 4P
Flameproof Metal Plate Resistor
12/03/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com