Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW50 Datasheet (PDF) - Stackpole Electronics, Inc.

JW50 Datasheet PDF - Stackpole Electronics, Inc.
Part # JW50
Download  JW50 Download
File Size   262.04 Kbytes
Page   2 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Tin Plated Jumper Wire Resistor

JW50 Datasheet (PDF)

Go To PDF Page Download Datasheet
JW50 Datasheet PDF - Stackpole Electronics, Inc.

Part # JW50
Download  JW50 Click to download

File Size   262.04 Kbytes
Page   2 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Tin Plated Jumper Wire Resistor

JW50 Datasheet (HTML) - Stackpole Electronics, Inc.


JW50 Product details

Features:
• Ideal for crossovers or jumpers on circuit boards
• High current ratings
• Standard JW is copper plated steel, with 100% tin overplate
• 100% tin plate on copper wire is available as type JWQ
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - JW50

ManufacturerPart #DatasheetDescription
logo
JOULWATT
JW5068A JW-JW5068A Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.5
JW5068C JW-JW5068C Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.4
More results


Similar Description - JW50

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194200010 MOLEX4-0194200010 Datasheet
120Kb / 3P
MX150L??Female Terminal for 18-22 AWG Wire, Tin Plated
0499468001 MOLEX6-0499468001 Datasheet
82Kb / 2P
1.27mm (.050") Wire-to-Board Terminal, Pre-Tin Plated
logo
Adam Technologies, Inc.
1CTA-MT-R ADAM-TECH-1CTA-MT-R Datasheet
71Kb / 1P
MATT TIN PLATED
logo
Molex Electronics Ltd.
0194200009 MOLEX1-0194200009_18 Datasheet
34Kb / 1P
MX150L Female Terminal for 14-16 AWG Wire, Tin Plated
0194200010 MOLEX1-0194200010_18 Datasheet
34Kb / 1P
MX150L Female Terminal for 18-22 AWG Wire, Tin Plated
logo
Hubbell Incorporated.
BURNDY_YA31A2NG1TN HUBBELL-BURNDY_YA31A2NG1TN Datasheet
259Kb / 2P
TIN PLATED HYLUG
BURNDY_YA29A2NG1TN HUBBELL-BURNDY_YA29A2NG1TN Datasheet
260Kb / 2P
TIN PLATED HYLUG
BURNDY_YA39A2NG2TN HUBBELL-BURNDY_YA39A2NG2TN Datasheet
260Kb / 2P
HYLUG-TIN PLATED
BURNDY_YA34A2NG2TN HUBBELL-BURNDY_YA34A2NG2TN Datasheet
260Kb / 2P
HYLUG - TIN PLATED
logo
CnC Tech, LLC
53025-XX-0100-01 CNC-53025-XX-0100-01 Datasheet
70Kb / 1P
WIRE-TO BOARD WAFER, 2.5mm, STRAIGHT, TIN PLATED, SIDE LOCK
17-nov-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com