Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CV95K05 Datasheet (PDF) - Stackpole Electronics, Inc.

CV95K05 Datasheet PDF - Stackpole Electronics, Inc.
Part # CV95K05
Download  CV95K05 Download
File Size   1676.05 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low and Medium Voltage Leaded Varistor

CV95K05 Datasheet (PDF)

Go To PDF Page Download Datasheet
CV95K05 Datasheet PDF - Stackpole Electronics, Inc.

Part # CV95K05
Download  CV95K05 Click to download

File Size   1676.05 Kbytes
Page   7 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Low and Medium Voltage Leaded Varistor

CV95K05 Datasheet (HTML) - Stackpole Electronics, Inc.


CV95K05 Product details

Description:
The CV Series of transient surge suppressors is disc-shaped varistors that can be operated
continuously in low and medium voltage electronic circuits, as well as across AC power lines.
Due to their radial lead construction, these components require very little mounting space.
They are available in five model sizes from 5 mm to 20 mm and feature a wide range of AC
operating voltages from 50V to 680V.

Features:
• AC operating voltage (Vrms) from 50V to 680V
• DC operating voltage (Vdc) from 65V to 895V
• Broad range of current and energy handling capability
• For RMS voltages ≤40 V see ZV leaded series
• 5 model sizes available from 5 mm to 20 mm
• UL1449, 3rd Ed. and CSA C22.2 certified
• +85ºC continuous operating temperature
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - CV95K05

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CV95K10 BOURNS-CV95K10 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV95K10AL1 BOURNS-CV95K10AL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV95K10AL5 BOURNS-CV95K10AL5 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV95K10BL1 BOURNS-CV95K10BL1 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
CV95K10BL5 BOURNS-CV95K10BL5 Datasheet
1Mb / 17P
CV Series - Medium Voltage Disc Varistors
REV. E 06/20
More results


Similar Description - CV95K05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6921ZOV110RA04 ETC2-D6921ZOV110RA04 Datasheet
39Kb / 2P
14mm Varistor Radial Leaded
PV150K4032T ETC2-PV150K4032T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Schurter Inc.
AVTT SCHURTER-AVTT_V01 Datasheet
885Kb / 6P
Radial Leaded Varistor
10.12.2013
logo
Stackpole Electronics, ...
AVL SEI-AVL Datasheet
969Kb / 5P
Automotive Leaded Varistor
08/14/2019
CVH SEI-CVH Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
Low & Medium Voltage SMD Varistor
08/22/2019
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
Special Medium Voltage Leaded Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
Low Voltage Leaded Varistor
02/15/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com