Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRN2012 Datasheet (PDF) - Bourns Electronic Solutions

SRN2012 Datasheet PDF - Bourns Electronic Solutions
Part # SRN2012
Download  SRN2012 Download
File Size   218.5 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SRN2012 Series - Semi-shielded Power Inductors

SRN2012 Datasheet (PDF)

Go To PDF Page Download Datasheet
SRN2012 Datasheet PDF - Bourns Electronic Solutions

Part # SRN2012
Download  SRN2012 Click to download

File Size   218.5 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description SRN2012 Series - Semi-shielded Power Inductors

SRN2012 Datasheet (HTML) - Bourns Electronic Solutions


SRN2012 Product details

Features
Semi-shielded construction
Miniature size
Low profi le: 1.2 mm
Inductance range: 0.24 to 2.2 μH
Rated current up to 3.5 A
RoHS compliant* and halogen free**

Applications
DC/DC converters
Notebook computers
Digital video cameras
HDDs
Cellphones
Televisions, LCD displays




Similar Part No. - SRN2012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN2012T BOURNS-SRN2012T Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-100K BOURNS-SRN2012T-100K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-150K BOURNS-SRN2012T-150K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-1R0K BOURNS-SRN2012T-1R0K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
SRN2012T-220K BOURNS-SRN2012T-220K Datasheet
405Kb / 3P
SRN2012T Series - Semi-Shielded Power Inductors
10/21
More results


Similar Description - SRN2012

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRN3015 BOURNS-SRN3015 Datasheet
347Kb / 2P
Semi-shielded Power Inductors
SRN4018 BOURNS-SRN4018 Datasheet
313Kb / 2P
Semi-shielded Power Inductors
SRN1060-100M BOURNS-SRN1060-100M Datasheet
329Kb / 2P
Semi-shielded Power Inductors
SRN8040 BOURNS-SRN8040_13 Datasheet
334Kb / 2P
Semi-shielded Power Inductors
SRN2010TA BOURNS-SRN2010TA Datasheet
246Kb / 3P
Semi-shielded Power Inductors
SRN3012TA BOURNS-SRN3012TA Datasheet
241Kb / 3P
Semi-shielded Power Inductors
SRN2009T BOURNS-SRN2009T Datasheet
416Kb / 4P
Semi-shielded Power Inductors
SRN3010TA BOURNS-SRN3010TA Datasheet
429Kb / 4P
Semi-shielded Power Inductors
SRN5020TA BOURNS-SRN5020TA Datasheet
587Kb / 5P
Semi-shielded Power Inductors
SRN6028C BOURNS-SRN6028C Datasheet
144Kb / 5P
Semi-shielded Power Inductors
Mar 31, 2015
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com