Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LXC2T45 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LXC2T45 Datasheet PDF - Texas Instruments
Part # SN74LXC2T45
Download  SN74LXC2T45 Download
File Size   1630.38 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting

SN74LXC2T45 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LXC2T45 Datasheet PDF - Texas Instruments

Part # SN74LXC2T45
Download  SN74LXC2T45 Click to download

File Size   1630.38 Kbytes
Page   38 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting

SN74LXC2T45 Datasheet (HTML) - Texas Instruments


SN74LXC2T45 Product details

1 Features
• AEC-Q100 qualified for automotive applications
• Fully configurable dual-rail design allows each port
to operate from 1.1 V to 5.5 V
• Robust, glitch-free power supply sequencing
• Up to 420-Mbps support for 3.3 V to 5.0 V
• Schmitt-trigger inputs allow for slow or noisy inputs
• I/O's with integrated dynamic pull-down resistors
help reduce external component count
• Control inputs with integrated static pull-down
resistors allow for floating control inputs
• High drive strength (up to 32 mA at 5 V)
• Low power consumption
– 3-μA maximum (25°C)
– 6-μA maximum (–40°C to 125°C)
• VCC isolation and VCC disconnect (Ioff-float) feature
– If either VCC supply is < 100 mV or
disconnected, all I/O's get pulled-down and
then become high-impedance
• Ioff supports partial-power-down mode operation
• Compatible with LVC family level shifters
• Control logic (DIR) are referenced to VCCA
• Operating temperature from –40°C to +125°C
• Latch-up performance exceeds 100 mA per JESD
78, class II
• ESD protection exceeds JESD 22
– 4000-V human-body model
– 1000-V charged-device model

2 Applications
• Eliminate slow or noisy input signals
• Driving indicator LEDs or Buzzers
• Debouncing a mechanical switch
• Infotainment head unit
• ADAS fusion

3 Description
The SN74LXC2T45-Q1 is a dual-bit, dual-supply
noninverting bidirectional voltage level translation
device. Ax pins and control pin (DIR) are referenced
to VCCA logic levels, and Bx pins are referenced to
VCCB logic levels. The A port is able to accept I/O
voltages ranging from 1.1 V to 5.5 V, while the B port
can accept I/O voltages from 1.1 V to 5.5 V. A high
on DIR allows data transmission from A to B and a
low on DIR allows data transmission from B to A.
See Device Functional Modes for a summary of the
operation of the control logic.




Similar Part No. - SN74LXC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 36P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 39P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
More results


Similar Description - SN74LXC2T45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LXC8T245-Q1 TI-SN74LXC8T245-Q1 Datasheet
1,009Kb / 31P
SN74LXC8T245-Q1 Automotive 8-bit Dual-Supply Bus Transceiver with Configurable Level Shifting and 3-State Outputs
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
SN74LXC1T45-Q1 TI-SN74LXC1T45-Q1 Datasheet
2Mb / 34P
SN74LXC1T45-Q1 Automotive Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
AUGUST 2022
SN74LXC1T45-Q1 TI-SN74LXC1T45-Q1_V01 Datasheet
2Mb / 36P
SN74LXC1T45-Q1 Automotive Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
AUGUST 2022
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1_V02 Datasheet
1Mb / 38P
SN74LXC2T45-Q1 Automotive Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED MAY 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com