Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61376 Datasheet (PDF) - Texas Instruments

TPS61376 Datasheet PDF - Texas Instruments
Part # TPS61376_V01
Download  TPS61376 Download
File Size   2482.58 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection

TPS61376 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS61376 Datasheet PDF - Texas Instruments

Part # TPS61376_V01
Download  TPS61376 Click to download

File Size   2482.58 Kbytes
Page   27 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with up to ±2.5% accuracy Input Average Current Limit and True Load Disconnection

TPS61376 Datasheet (HTML) - Texas Instruments


TPS61376 Product details

1 Features
• Wide input voltage and output voltage range
– Input voltage range: 2.9 V to 23 V
– Output voltage range: 4.5 V to 25 V
• Peak inductor current limit up to 4.5 A
• Programmable input average current limit range:
0.1 A to 3 A
• Switching frequency
– TPS61376: 1.2 MHz
– TPS613761: 650 KHz
• Integrated two MOSFETs
– ISO FET: 40 mΩ
– Low-side FET: 50 mΩ
• Safety and robust operation features
– Output overvoltage protection
– Cycle-by-cycle overcurrent protection
– True disconnection between input and output
during EN shutdown
– Thermal shutdown
• Precise EN/UVLO threshold
• External loop compensation
• 2.5-mm × 2.0-mm HotRod™ Lite VQFN package

2 Applications
• ePOS retail automation and payment
• Barcode scanner
• Smart speaker
• Appliances

3 Description
The TPS61376 is a high voltage non-synchronous
boost converter with input average current limit and
true load disconnect functions. The input average
current limit threshold can be programmed through
the ILIM pin from 0.1 A to 3.0 A. The isolation FET
between the VP and SW pin will completely cut off
the path between input and output when the device
is disabled. The TPS61376 has a wide input voltage
range from 2.9 V to 23 V and output voltage covers up
to 25 V.
The TPS61376 implements the peak current mode
with the adaptive off-time control topology. The device
works in PWM mode at moderate to heavy loads. At
the light load conditions, the device enters PFM mode
to maintain high efficiency over the entire load current
range.
The TPS61376 also integrates robust protection
features including output overvoltage protection,
cycle-by-cycle overcurrent protection and thermal
shutdown.
The TPS61376 offers a very small solution size with a
2.5-mm × 2.0-mm HotRod™ Lite VQFN package.




Similar Part No. - TPS61376_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61376 TI-TPS61376 Datasheet
730Kb / 7P
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with Input Average Current Limit and Load Disconnect
JANUARY 2022
More results


Similar Description - TPS61376_V01

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Intersil Corporation
ISL85033-12VEVAL3Z INTERSIL-ISL85033-12VEVAL3Z Datasheet
672Kb / 6P
Wide VIN Negative VOUT Buck-Boost Regulator With Up to 5A Output Current
July 27, 2011
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
Anpec Electronics Corop...
APW7212 ANPEC-APW7212 Datasheet
353Kb / 17P
1MHz, High-Efficiency, Step-Up Converter with Load Disconnection
logo
Texas Instruments
TPS61390 TI1-TPS61390 Datasheet
217Kb / 18P
85-VOUT Boost Converter With Current Mirror and Sample / Hold
logo
Maxim Integrated Produc...
MAX17250 MAXIM-MAX17250 Datasheet
1Mb / 13P
2.7V to 18V Input, Boost Converter with 0.1μA True Shutdown, Short-Circuit Protection and Selectable Input Current Limit
Rev 2; 10/19
logo
Texas Instruments
TPS61376 TI-TPS61376 Datasheet
730Kb / 7P
TPS61376 23-VIN, 25-VOUT, 4.5-A, Boost Converter with Input Average Current Limit and Load Disconnect
JANUARY 2022
TPS61377 TI1-TPS61377 Datasheet
2Mb / 31P
TPS61377 23-VIN, 25-VOUT, 6-A, Synchronous Boost Converter with Programmable Peak Current Limit
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com