Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDLC3V3LB Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

ESDLC3V3LB Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # ESDLC3V3LB
Download  ESDLC3V3LB Download
File Size   2935.6 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BIDIRECTIONAL TVS DIODE

ESDLC3V3LB Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDLC3V3LB Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDLC3V3LB
Download  ESDLC3V3LB Click to download

File Size   2935.6 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BIDIRECTIONAL TVS DIODE

ESDLC3V3LB Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


ESDLC3V3LB Product details

Features
Protects one data line
Ultra low leakage: nA level
Operating voltage: 3.3V
Ultra low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 8A (8/20μs)
RoHS Compliant

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players
Keypads, Side Keys, LCD Displays




Similar Part No. - ESDLC3V3LB

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
ESDLC3V3D3 MCC-ESDLC3V3D3 Datasheet
201Kb / 3P
3.3V-12Volts ESD Protection Device
ESDLC3V3D3 MCC-ESDLC3V3D3 Datasheet
228Kb / 3P
3.3V-12Volts ESD Protection Device
logo
Shanghai Yint Electroni...
ESDLC3V3D3 YINT-ESDLC3V3D3 Datasheet
503Kb / 3P
ESD Protection Diode
logo
Micro Commercial Compon...
ESDLC3V3D3-TP MCC-ESDLC3V3D3-TP Datasheet
228Kb / 3P
3.3V-12Volts ESD Protection Device
ESDLC3V3D3B MCC-ESDLC3V3D3B Datasheet
192Kb / 3P
3.3V-12Volts ESD Protection Device
More results


Similar Description - ESDLC3V3LB

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
SD18CW LEIDITECH-SD18CW Datasheet
333Kb / 3P
BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com