Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C67 Datasheet (PDF) - Integrated Silicon Solution, Inc

IS61C67 Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS61C67
Download  IS61C67 Download
File Size   346.83 Kbytes
Page   8 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 16K X 1 HIGH SPEED CMOS STATIC RAM

IS61C67 Datasheet (PDF)

Go To PDF Page Download Datasheet
IS61C67 Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS61C67
Download  IS61C67 Click to download

File Size   346.83 Kbytes
Page   8 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 16K X 1 HIGH SPEED CMOS STATIC RAM

IS61C67 Datasheet (HTML) - Integrated Silicon Solution, Inc


IS61C67 Product details

DESCRIPTION
The ISSI IS61C67 is a high speed, low power, 16384-word bgy 1-bit CMOS static RAM. It is fabricated using ISSIs high performance CMOS double metal technology. This highly reliable process coupled with innovative circuit design techniques, yields access times as fast as 15ns maximum.




Similar Part No. - IS61C67

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C632A ICSI-IS61C632A Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
IS61C632A-4PQ ICSI-IS61C632A-4PQ Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
IS61C632A-4TQ ICSI-IS61C632A-4TQ Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
IS61C632A-5PQ ICSI-IS61C632A-5PQ Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
IS61C632A-5TQ ICSI-IS61C632A-5TQ Datasheet
486Kb / 16P
32K x 32 SYNCHRONOUS PIPELINED STATIC RAM
More results


Similar Description - IS61C67

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262 Datasheet
41Kb / 7P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY7C167A CYPRESS-CY7C167A Datasheet
140Kb / 9P
16K x 1 Static RAM
logo
Intersil Corporation
HM-65262883 INTERSIL-HM-65262883 Datasheet
177Kb / 10P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Sharp Corporation
LH5116NA-10 SHARP-LH5116NA-10 Datasheet
343Kb / 14P
16K CMOS STATIC RAM
logo
Intersil Corporation
HM-65262 INTERSIL-HM-65262_02 Datasheet
135Kb / 8P
16K x 1 Asynchronous CMOS Static RAM
March 1997
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com