Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ15VALT1G Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

MMBZ15VALT1G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # MMBZ15VALT1G
Download  MMBZ15VALT1G Download
File Size   347.47 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description TVS Diode Array

MMBZ15VALT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ15VALT1G Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMBZ15VALT1G
Download  MMBZ15VALT1G Click to download

File Size   347.47 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description TVS Diode Array

MMBZ15VALT1G Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


MMBZ15VALT1G Product details

Features
Ultra low leakage: nA level
Operating voltage: 12V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 15A (8/20μs)
RoHS Compliant

Applications
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
Networking and Telecom
Serial and Parallel Ports.
Peripherals




Similar Part No. - MMBZ15VALT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ15VALT1G ONSEMI-MMBZ15VALT1G Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
MMBZ15VALT1G ONSEMI-MMBZ15VALT1G Datasheet
142Kb / 7P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
January, 2012 ??Rev. 13
MMBZ15VALT1G ONSEMI-MMBZ15VALT1G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
logo
Guangdong Youtai Semico...
MMBZ15VALT1G UMW-MMBZ15VALT1G Datasheet
546Kb / 5P
Common Anode Zeners for ESD Protection
More results


Similar Description - MMBZ15VALT1G

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSAZ5V6T3 YEASHIN-YSAZ5V6T3 Datasheet
855Kb / 3P
TVS DIODE ARRAY
YSOTXXC YEASHIN-YSOTXXC Datasheet
800Kb / 3P
TVS DIODE ARRAY
logo
Galaxy Semi-Conductor H...
SM15 BILIN-SM15 Datasheet
111Kb / 3P
TVS DIODE ARRAY
Rev.A
SM24 BILIN-SM24 Datasheet
111Kb / 3P
TVS DIODE ARRAY
logo
Rectron Semiconductor
TEMP03 RECTRON-TEMP03 Datasheet
352Kb / 5P
TVS Diode Array
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
TVS Diode Array
SM48 LEIDITECH-SM48 Datasheet
312Kb / 3P
TVS Diode Array
GSOT05C LEIDITECH-GSOT05C Datasheet
447Kb / 3P
TVS Diode Array
Rev : 01.06.2014
logo
TECH PUBLIC Electronics...
SM05T1G-TP TECHPUBLIC-SM05T1G-TP Datasheet
977Kb / 4P
TVS Diode Array
logo
Guangdong Youtai Semico...
SMXX UMW-SMXX Datasheet
425Kb / 3P
TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com