Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESDLC363T5VU Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESDLC363T5VU Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESDLC363T5VU
Download  PESDLC363T5VU Download
File Size   334.97 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Quad TVS Diode Array

PESDLC363T5VU Datasheet (PDF)

Go To PDF Page Download Datasheet
PESDLC363T5VU Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESDLC363T5VU
Download  PESDLC363T5VU Click to download

File Size   334.97 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Quad TVS Diode Array

PESDLC363T5VU Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESDLC363T5VU Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±16kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100 Ethernet




Similar Part No. - PESDLC363T5VU

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
PESDLC5V0J4AT8 GWSEMI-PESDLC5V0J4AT8 Datasheet
257Kb / 5P
Plastic-Encapsulate Diodes
More results


Similar Description - PESDLC363T5VU

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
Quad TVS Diode Array
SMF12C LEIDITECH-SMF12C Datasheet
361Kb / 3P
Quad TVS Diode Array
PESD5V0L5UY LEIDITECH-PESD5V0L5UY Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
SMF05CT1G LEIDITECH-SMF05CT1G Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
CESD5V0K5 LEIDITECH-CESD5V0K5 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
CPDV6-5V0U-HF LEIDITECH-CPDV6-5V0U-HF Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
ESDA6V1-5W6 LEIDITECH-ESDA6V1-5W6 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
SAT36A05L05 LEIDITECH-SAT36A05L05 Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
SP1001-05JTG LEIDITECH-SP1001-05JTG Datasheet
343Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
TPD5E003DPFR LEIDITECH-TPD5E003DPFR Datasheet
342Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com