Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMV37ENEA Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PMV37ENEA Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PMV37ENEA
Download  PMV37ENEA Download
File Size   1928.11 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 60V N-Channel Enhancement Mode MOSFET

PMV37ENEA Datasheet (PDF)

Go To PDF Page Download Datasheet
PMV37ENEA Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PMV37ENEA
Download  PMV37ENEA Click to download

File Size   1928.11 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 60V N-Channel Enhancement Mode MOSFET

PMV37ENEA Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PMV37ENEA Product details

Description
The uses advanced trench techno logy
to provide excellent RDS(ON) , low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
PMV37ENEA

General Features
VDS = 60V ID =3A
RDS(ON) < 100mΩ @ VGS=10V

Application
Battery protection
Load switch
Uninterruptible power supply




Similar Part No. - PMV37ENEA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMV37ENEA NEXPERIA-PMV37ENEA Datasheet
272Kb / 15P
60 V, N-channel Trench MOSFET
21 May 2019
PMV37ENEAR NEXPERIA-PMV37ENEAR Datasheet
272Kb / 15P
60 V, N-channel Trench MOSFET
21 May 2019
More results


Similar Description - PMV37ENEA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
60V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com