Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP3051-04HTG Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SP3051-04HTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SP3051-04HTG
Download  SP3051-04HTG Download
File Size   1272.98 Kbytes
Page   8 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description LOW CAPACITA NCE TVS DIODE ARRAY

SP3051-04HTG Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3051-04HTG Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SP3051-04HTG
Download  SP3051-04HTG Click to download

File Size   1272.98 Kbytes
Page   8 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description LOW CAPACITA NCE TVS DIODE ARRAY

SP3051-04HTG Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SP3051-04HTG Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 25A (8/20μs)
RoHS Compliant
AEC-Q101 qualified.

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100/1000 Ethernet




Similar Part No. - SP3051-04HTG

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
SP3051-04HTG TECHPUBLIC-SP3051-04HTG Datasheet
2Mb / 4P
Low Capacitance TVS Diode Array
More results


Similar Description - SP3051-04HTG

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
498Kb / 6P
ULTRA LOW CAPACITA NCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC24C-LF-T7 ETC2-GBLC24C-LF-T7 Datasheet
622Kb / 7P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Bruckewell Technology L...
ESDV05CL BWTECH-ESDV05CL Datasheet
946Kb / 3P
LOW CAPACITA NCE TVS ARRAY
ESD5Z5CL BWTECH-ESD5Z5CL Datasheet
1,014Kb / 3P
Ultra LOW CAPACITA NCE TVS ARRAY
ESD5Z5C BWTECH-ESD5Z5C Datasheet
981Kb / 3P
LOW CAPACITA NCE TVS ARRAY
ESR05L BWTECH-ESR05L Datasheet
489Kb / 4P
LOW CAPACITA NCE TVS ARRAY
ESR12 BWTECH-ESR12 Datasheet
549Kb / 4P
LOW CAPACITA NCE TVS ARRAY
logo
Protek Devices
GBLCSC03 PROTEC-GBLCSC03_12 Datasheet
449Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
PLR0521 PROTEC-PLR0521_12 Datasheet
580Kb / 6P
ultra LOW CAPACITA NCE TVS ARRAY
logo
Shanghai Leiditech Elec...
RCLAMP0554S LEIDITECH-RCLAMP0554S Datasheet
1Mb / 8P
LOW CAPACITA NCE TVS DIODE ARRAY
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com