Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4E1U06DCKR Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

TPD4E1U06DCKR Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # TPD4E1U06DCKR
Download  TPD4E1U06DCKR Download
File Size   415.13 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line Ultra Low Capacitance TVS Diode Array

TPD4E1U06DCKR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4E1U06DCKR Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # TPD4E1U06DCKR
Download  TPD4E1U06DCKR Click to download

File Size   415.13 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 4-Line Ultra Low Capacitance TVS Diode Array

TPD4E1U06DCKR Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


TPD4E1U06DCKR Product details

Features
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
RoHS Compliant

Applications
USB 2.0 power and data line
Set-top box and digital TV
Digital video interface (DVI)
Notebook Computers
SIM Ports
10/100/1000M E thernet




Similar Part No. - TPD4E1U06DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06DCKR TI-TPD4E1U06DCKR Datasheet
950Kb / 14P
Quad Channel High Speed ESD Protection Device
TPD4E1U06DCKR TI2-TPD4E1U06DCKR Datasheet
722Kb / 23P
TPD4E1U06 Quad-Channel, High-Speed ESD Protection Device
REVISED APRIL 2017
TPD4E1U06DCKR.B TI2-TPD4E1U06DCKR.B Datasheet
722Kb / 23P
TPD4E1U06 Quad-Channel, High-Speed ESD Protection Device
REVISED APRIL 2017
More results


Similar Description - TPD4E1U06DCKR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0502N LEIDITECH-LC0502N Datasheet
108Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504N LEIDITECH-LC0504N Datasheet
159Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504PL6 LEIDITECH-LC0504PL6 Datasheet
130Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0518MA LEIDITECH-LC0518MA Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
ULC0504M LEIDITECH-ULC0504M Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0504S6 APMICRO-AR0504S6 Datasheet
745Kb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
SP3003-04ATG LEIDITECH-SP3003-04ATG Datasheet
394Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com