Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCLAMP0541Z Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

UCLAMP0541Z Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # UCLAMP0541Z
Download  UCLAMP0541Z Download
File Size   681.33 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Ultra Small Bi-directional TVS Diode

UCLAMP0541Z Datasheet (PDF)

Go To PDF Page Download Datasheet
UCLAMP0541Z Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # UCLAMP0541Z
Download  UCLAMP0541Z Click to download

File Size   681.33 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description 1-Line Ultra Small Bi-directional TVS Diode

UCLAMP0541Z Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


UCLAMP0541Z Product details

Features
Ultra small package: 0.6x0.3x0.3mm
low capacitance
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 5V
Low clamping voltage
2-Pin leadless package
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 9 A (8/20 μs)
RoHS Compliant

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players
Keypads, Side Keys, USB 2.0, LCD Displays




Similar Part No. - UCLAMP0541Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UCLAMP0541Z SEMTECH-UCLAMP0541Z Datasheet
176Kb / 8P
Ultra Small 關Clamp짰 1-Line ESD Protection
logo
TECH PUBLIC Electronics...
UCLAMP0541Z TECHPUBLIC-UCLAMP0541Z Datasheet
1Mb / 4P
I-Line Bi-directional TVS Diode
logo
Semtech Corporation
uClamp0541Z.TFT SEMTECH-uClamp0541Z.TFT Datasheet
176Kb / 8P
Ultra Small 關Clamp짰 1-Line ESD Protection
uClamp0541Z.TNT SEMTECH-uClamp0541Z.TNT Datasheet
176Kb / 8P
Ultra Small 關Clamp짰 1-Line ESD Protection
uClamp0541Z.TVT SEMTECH-uClamp0541Z.TVT Datasheet
176Kb / 8P
Ultra Small 關Clamp짰 1-Line ESD Protection
More results


Similar Description - UCLAMP0541Z

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU0521P0 APMICRO-AU0521P0 Datasheet
679Kb / 4P
1-Line Ultra Small Bi-directional TVS Diode
AU3321P0 APMICRO-AU3321P0 Datasheet
706Kb / 4P
1-Line Ultra Small Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
ESD0521CH LEIDITECH-ESD0521CH Datasheet
409Kb / 4P
1-Line Ultra Small Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
D5V0M1U2LP3-7 LEIDITECH-D5V0M1U2LP3-7 Datasheet
639Kb / 4P
1-Line Ultra Small Bi-directional TVS Diode
Rev : 01.06.2018
ESD54191CZ LEIDITECH-ESD54191CZ Datasheet
665Kb / 4P
1-Line Ultra Small Bi-directional TVS Diode
Rev : 01.06.2018
RHTVSBC0321-T LEIDITECH-RHTVSBC0321-T Datasheet
652Kb / 4P
1-Line Ultra Small Bi-directional TVS Diode
Rev : 01.06.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com