Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUR9811DGD Datasheet (PDF) - Diodes Incorporated

AUR9811DGD Datasheet PDF - Diodes Incorporated
Part # AUR9811DGD
Download  AUR9811DGD Download
File Size   551.44 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER

AUR9811DGD Datasheet (PDF)

Go To PDF Page Download Datasheet
AUR9811DGD Datasheet PDF - Diodes Incorporated

Part # AUR9811DGD
Download  AUR9811DGD Click to download

File Size   551.44 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER

AUR9811DGD Datasheet (HTML) - Diodes Incorporated


AUR9811DGD Product details

Features
Complete Charger for Single-Cell Li-Ion Batteries
Charges from Either AC Adapter or USB Port
Integrated Power Pass Device with Current Sensing
No External Blocking Diode Required
Pre-charge Condition with Safety Timing
Charger Voltage Accuracy: 1%
Programmable Current Limit up to 1A
Sleep Mode for Power Saving
Charge Current Thermal Fold-back
NTC Thermistor Interface for Battery Temperature Monitor
Stand-Alone or Integrated Charger
Ambient Temperature Range: -40°C to +85°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)

Applications
PDAs, Cell Phones and Smart Phones
Digital Camera, MP3 and Handheld Gamming
Portable Instruments Including Medical Handhelds
Self-Charging Battery Packs
Stand-Alone Chargers or USB Port Chargers




Similar Part No. - AUR9811DGD

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9801C BCDSEMI-AUR9801C Datasheet
405Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
AUR9801DGD DIODES-AUR9801DGD Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
BCD Semiconductor Manuf...
AUR9807 BCDSEMI-AUR9807 Datasheet
1Mb / 24P
Single-cell Li-Ion Charger IC with System Power Management
AUR9807DFGD BCDSEMI-AUR9807DFGD Datasheet
1Mb / 24P
Single-cell Li-Ion Charger IC with System Power Management
More results


Similar Description - AUR9811DGD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
May 2, 2005
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
Li-ion/Li Polymer Linear Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com