Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF4729 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

SMF4729 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # SMF4729
Download  SMF4729 Download
File Size   741.85 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description ZENER DIODE

SMF4729 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF4729 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # SMF4729
Download  SMF4729 Click to download

File Size   741.85 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description ZENER DIODE

SMF4729 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


SMF4729 Product details

Features
Plastic package has Underwriters Laboratory
Flammability Classification 94 V-0
For surface mounted applications
Low Zener impedance
Low regulation factor
High temperature soldering guaranteed:
260 °C/10 seconds at terminal
Lead and body according with RoHS standard
Standard voltage tolerance is 10 %, Suffix A ± 5 %




Similar Part No. - SMF4729

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMF4729 YANGJIE-SMF4729 Datasheet
193Kb / 3P
Zener Diodes
logo
Shanghai Leiditech Elec...
SMF4729 LEIDITECH-SMF4729 Datasheet
602Kb / 3P
High temperature soldering guaranteed 260 째C/10 seconds at terminals
logo
DAESAN ELECTRONIC CORP.
SMF4729 DAESAN-SMF4729 Datasheet
426Kb / 2P
ZENER DIODE
logo
Jiangsu High diode Semi...
SMF4729A HDSEMI-SMF4729A Datasheet
1Mb / 5P
SOD-123FL Plastic-Encapsulate Diodes
logo
First Silicon Co., Ltd
SMF4729A FS-SMF4729A Datasheet
145Kb / 4P
GLASS PASSIVATED JUNCTION Zener voltage regulator diodes , 1.0 Watt Steady State
More results


Similar Description - SMF4729

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com