Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XM122 Datasheet (PDF) - Acconeer AB

XM122 Datasheet PDF - Acconeer AB
Part # XM122
Download  XM122 Download
File Size   3080.09 Kbytes
Page   35 Pages
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB
Description IoT Module

XM122 Datasheet (PDF)

Go To PDF Page Download Datasheet
XM122 Datasheet PDF - Acconeer AB

Part # XM122
Download  XM122 Click to download

File Size   3080.09 Kbytes
Page   35 Pages
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB
Description IoT Module

XM122 Datasheet (HTML) - Acconeer AB


XM122 Product details

XM122 features:
• The A111 60 GHz Pulsed Coherent radar (PCR) with integrated baseband, RF front-end and
Antenna in Package (AiP).
• Low power connected radar module.
• The nRF52840 protocol stack support for Bluetooth 5, Bluetooth mesh, Thread, Zigbee,
802.15.4, ANT and 2.4 GHz proprietary stacks and is built around the 64 MHz ARM®
Cortex™-M4 CPU with 256 KB SRAM and 1 MB Flash.
• Integrated 2.4 GHz antenna with support for external 2.4 GHz antenna.
• Optional NFC antenna support for quick Bluetooth pairing via the PCB test points.
• Optimized circular form factor with a diameter of 33 mm.
• Wide single supply operating voltage range 2.0 V to 5.5 V.
• Operating temperature -40° to 85°C.
• External I/F support - SPI, UART, I2C, GPIO, Reset.
• SWD/JTAG for SW flash and debug.




Similar Part No. - XM122

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XM1203K ALPHAWIRE-XM1203K Datasheet
395Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
XM1203KCY ALPHAWIRE-XM1203KCY Datasheet
396Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
XM1203L ALPHAWIRE-XM1203L Datasheet
395Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
XM1203LCY ALPHAWIRE-XM1203LCY Datasheet
396Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
XM1203R ALPHAWIRE-XM1203R Datasheet
395Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
More results


Similar Description - XM122

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-4012 ADVANTECH-WISE-4012 Datasheet
137Kb / 1P
IoT Wireless I/O Module
logo
Quectel Wireless Soluti...
EC25 QUECTEL-EC25 Datasheet
745Kb / 2P
IoT/M2M-optimized LTE Cat 4 Module
EC21 QUECTEL-EC21_V01 Datasheet
572Kb / 3P
IoT/M2M-optimized LTE Cat 1 Module
EG21-G QUECTEL-EG21-G Datasheet
787Kb / 2P
IoT/M2M-optimized LTE Cat 1 Module
logo
List of Unclassifed Man...
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
logo
Advantech Co., Ltd.
WISE-4000LAN ADVANTECH-WISE-4000LAN Datasheet
138Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
DS_WISE-4000LAN ADVANTECH-DS_WISE-4000LAN Datasheet
137Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
WISE-4012E ADVANTECH-WISE-4012E Datasheet
461Kb / 2P
6-ch Input/Output IoT Wireless I/O Module for IoT Developers
6-Jul-2021
logo
Murata Manufacturing Co...
LBAD0ZZ1SE MURATA1-LBAD0ZZ1SE Datasheet
1Mb / 26P
LTE CAT M1/NB -IoT Module
Rev 1.2 11/11/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com