Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSA4485UCX Datasheet (PDF) - ON Semiconductor

FSA4485UCX Datasheet PDF - ON Semiconductor
Part # FSA4485UCX
Download  FSA4485UCX Download
File Size   859.95 Kbytes
Page   31 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description USB Type-C Analog Audio Switch with Over Voltage Protection

FSA4485UCX Datasheet (PDF)

Go To PDF Page Download Datasheet
FSA4485UCX Datasheet PDF - ON Semiconductor

Part # FSA4485UCX
Download  FSA4485UCX Click to download

File Size   859.95 Kbytes
Page   31 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description USB Type-C Analog Audio Switch with Over Voltage Protection

FSA4485UCX Datasheet (HTML) - ON Semiconductor


FSA4485UCX Product details

General Description
The FSA4485 is a high performance USB Type−C port multimedia
switch to supports analog audio headsets. The FSA4485 allows
sharing of the USB Type−C port to pass USB2.0 signals, analog audio,
sideband use signals, and analog microphone signal. For enhanced
audio performance the FSA4485 incorporates MOSFET gate drivers
to support low resistance external analog ground switches. The
FSA4485 features Over Voltage Protection on all connector facing
pins as well as Over Current Protection for the analog ground switch.

Features
• VCC Range from 2.7 V to 5.5 V (Primary)
• OVP Function on Common Node Pins
• Over Current Protection for Analog Ground Switch
• Analog Audio Device Unplug Detection
• 16 V DC Tolerance on Connector Side Pins:
DP_R, DN_L, GBSUx, SBUx
• 20 V DC Tolerance on CC_IN
• High Performance Audio/USB SW:
♦ Audio SW, THD+N < −109 dB; 1 VRMS, 32  Load;
♦ USB SW, BW: 1 GHz
• 225 m (Typical) Sense to GSBUx on Resistance
• 78 m (Typical) SBUx to AGND on Resistance
• Programmable Gate Drive for Optional External SBUx to AGND
Switch
• 1.2 V Capable I2C Interface
• Two I2C Addresses
• Optional Normally Closed Configuration for SBU Data Switch to
Support Factory Test
• Moisture/Resistance Detection on DP_R, DN_L and SBUx

Applications
• Mobile Phone
• Tablet
• Notebook PC
• Media Player




Similar Part No. - FSA4485UCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4480UCX ONSEMI-FSA4480UCX Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
FSA4486UCX ONSEMI-FSA4486UCX Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
More results


Similar Description - FSA4485UCX

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
Over-Voltage Protection Switch
logo
ON Semiconductor
FSA4476 ONSEMI-FSA4476 Datasheet
643Kb / 15P
USB Type-C analog audio switch
May 2017 Rev. 1.3 .2
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
logo
Silicon Mitus, Inc.
SM5360 SILICONMITUS-SM5360 Datasheet
231Kb / 2P
USB Type-C VBUS Combo Switch with Protection
July 2021- Rev. 1.0.1
SM5362 SILICONMITUS-SM5362 Datasheet
218Kb / 2P
USB Type-C High Voltage Load Switch with Protection
July 2021- Rev. 0.0.2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com