Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK240 Datasheet (PDF) - Toshiba Semiconductor

2SK240 Datasheet PDF - Toshiba Semiconductor
Part # 2SK240
Download  2SK240 Download
File Size   126.4 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW NOISE AUDIO AMPLIFIER APPLICATIONS. DIFFERENTIAL AMPLIFIER APPLICATIONS.

2SK240 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK240 Datasheet PDF - Toshiba Semiconductor

Part # 2SK240
Download  2SK240 Click to download

File Size   126.4 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOW NOISE AUDIO AMPLIFIER APPLICATIONS. DIFFERENTIAL AMPLIFIER APPLICATIONS.

2SK240 Datasheet (HTML) - Toshiba Semiconductor


2SK240 Product details

FEATURES:
• Recommended for first stages of EQ Amplifiers.
• High lyfsl lyfsl-22mS (Typ.)
(VDS-10V, VGS=0, IDSS=3mA)
• Excellent Pair Characteristics
: | VGS1-VGS21- 20mV (Max.)
(VDS-10V, ID-1mA)
• High Breakdown Voltage: VCDS-40V (Min.)
• Low Noise : en-0.95nV/Hz (Typ.)
(VDS-10V, ID-1mA, f-1kHz)
• High Input Impedance. : IGSS=-1nA (Max.) (VGS=-30V)
• Complementary to 2SJ75.




Similar Part No. - 2SK240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK240 TOSHIBA-2SK240 Datasheet
69Kb / 1P
HSTM PACKAGE SERIES
2SK2400 TOSHIBA-2SK2400 Datasheet
282Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2400 TOSHIBA-2SK2400 Datasheet
671Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2400 TOSHIBA-2SK2400 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SK2400 TOSHIBA-2SK2400_06 Datasheet
671Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Similar Description - 2SK240

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1015 TOSHIBA-2SA1015 Datasheet
110Kb / 3P
Audio Frequency Amplifier Applications Low Noise Amplifier Applications
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
Low Noise Audio Amplifier Applications
2SJ108 TOSHIBA-2SJ108_07 Datasheet
647Kb / 5P
Low Noise Audio Amplifier Applications
2SA970 TOSHIBA-2SA970_07 Datasheet
629Kb / 4P
Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SK170-GR TOSHIBA-2SK170-GR Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
2SK184-GR TOSHIBA-2SK184-GR Datasheet
320Kb / 4P
Low Noise Audio Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com