Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF18N50 Datasheet (PDF) - ON Semiconductor

FDPF18N50 Datasheet PDF - ON Semiconductor
Part # FDPF18N50
Download  FDPF18N50 Download
File Size   1662.96 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ

FDPF18N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDPF18N50 Datasheet PDF - ON Semiconductor

Part # FDPF18N50
Download  FDPF18N50 Click to download

File Size   1662.96 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UniFETTM MOSFET 500 V, 18 A, 265 mΩ

FDPF18N50 Datasheet (HTML) - ON Semiconductor


FDPF18N50 Product details

Description
UniFETTM MOSFET is ON Semiconductor’s high voltage
MOSFET family based on planar stripe and DMOS technology.
This MOSFET is tailored to reduce on-state resistance, and to
provide better switching performance and higher avalanche
energy strength. This device family is suitable for switching
power converter applications such as power factor correction
(PFC), flat panel display (FPD) TV power, ATX and electronic
lamp ballasts.

Features
• RDS(on) = 220 mΩ (Typ.) @ VGS = 10 V, ID = 9 A
• Low Gate Charge (Typ. 45 nC)
• Low Crss (Typ. 25 pF)
• 100% Avalanche Tested

Applications
• LCD/LED/PDP TV
• Lighting
• Uninterruptible Power Supply




Similar Part No. - FDPF18N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF18N50 FAIRCHILD-FDPF18N50 Datasheet
1Mb / 10P
500V N-Channel MOSFET
FDPF18N50 FAIRCHILD-FDPF18N50 Datasheet
448Kb / 10P
500V N-Channel MOSFET
FDPF18N50 FAIRCHILD-FDPF18N50 Datasheet
682Kb / 15P
Power Factor Correction Converter Design
FDPF18N50 FAIRCHILD-FDPF18N50 Datasheet
620Kb / 17P
PFCPWM Combination Controller
FDPF18N50 FAIRCHILD-FDPF18N50 Datasheet
5Mb / 30P
Dual BCM PFC Controller
More results


Similar Description - FDPF18N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
N-Channel UniFETTM II MOSFET
FDPF20N50FT FAIRCHILD-FDPF20N50FT Datasheet
429Kb / 10P
N-Channel UniFETTM FRFET짰 MOSFET 500 V, 20 A, 260 m?
FDPF15N65YDTU FAIRCHILD-FDPF15N65YDTU Datasheet
837Kb / 8P
N-Channel UniFETTM MOSFET 650 V, 15 A, 440 m?
FDA16N50F109 FAIRCHILD-FDA16N50F109 Datasheet
1Mb / 8P
N-Channel UniFETTM MOSFET
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD7N60NZTM FAIRCHILD-FDD7N60NZTM Datasheet
668Kb / 9P
N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25 廓
FDPF12N50NZT FAIRCHILD-FDPF12N50NZT Datasheet
854Kb / 10P
N-Channel UniFETTM II MOSFET 500 V, 11.5 A, 520 m
logo
ON Semiconductor
FQA90N15-F109 ONSEMI-FQA90N15-F109 Datasheet
1Mb / 8P
N-Channel QFET® MOSFET 150 V, 90 A, 18 mΩ
September-2017, Rev. 2
FDA16N50-F109 ONSEMI-FDA16N50-F109 Datasheet
1Mb / 9P
N-Channel UniFETTM MOSFET 500V, 16.5 A, 380 mΩ
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDP8N50NZ FAIRCHILD-FDP8N50NZ Datasheet
882Kb / 10P
N-Channel UniFETTM II MOSFET 500 V, 8 A, 850 m
October 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com