Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPF035N06B-F154 Datasheet (PDF) - ON Semiconductor

FDPF035N06B-F154 Datasheet PDF - ON Semiconductor
Part # FDPF035N06B-F154
Download  FDPF035N06B-F154 Download
File Size   367.53 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – N-Channel, POWERTRENCH 60 V, 88 A, 3.5 m

FDPF035N06B-F154 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDPF035N06B-F154 Datasheet PDF - ON Semiconductor

Part # FDPF035N06B-F154
Download  FDPF035N06B-F154 Click to download

File Size   367.53 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET – N-Channel, POWERTRENCH 60 V, 88 A, 3.5 m

FDPF035N06B-F154 Datasheet (HTML) - ON Semiconductor


FDPF035N06B-F154 Product details

Description
This N−Channel MOSFET is produced using ON Semiconductor’s
advanced POWERTRENCH process that has been tailored to
minimize the on−state resistance while maintaining superior switching
performance.

Features
• RDS(on) = 2.91 m (Typ.)@ VGS = 10 V, ID = 88 A
• Low FOM RDS(on)*QG
• Low Reverse Recovery Charge, Qrr
• Soft Reverse Recovery Body Diode
• Enables Highly Efficiency in Synchronous Rectification
• Fast Switching Speed
• 100% UIL Tested
• These Devices are Pb−Free and are RoHS Compliant

Applications
• Synchronous Rectification for ATX / Server / Telecom PSU
• Battery Protection Circuit
• Motor Drives and Uninterruptible Power Supplies
• Renewable System




Similar Part No. - FDPF035N06B-F154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF035N06B FAIRCHILD-FDPF035N06B Datasheet
673Kb / 10P
N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDPF035N06B ISC-FDPF035N06B Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDPF035N06B-F154

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC86570L FAIRCHILD-FDMC86570L Datasheet
352Kb / 7P
N-Channel Shielded Gate PowerTrench MOSFET 60 V, 56 A, 4.3 m
FDMC86012 FAIRCHILD-FDMC86012 Datasheet
251Kb / 7P
N-Channel Power Trench MOSFET 30 V, 88 A, 2.7 m
logo
ON Semiconductor
FDMT1D3N08B ONSEMI-FDMT1D3N08B Datasheet
1Mb / 10P
N-Channel Dual Cool 88 PowerTrench MOSFET
November, 2016, Rev. 1.0
FDB86566-F085 ONSEMI-FDB86566-F085 Datasheet
531Kb / 7P
N-Channel PowerTrench MOSFET 60 V, 110 A, 2.7 m廓
August-2017, Rev. 2
FDB86569-F085 ONSEMI-FDB86569-F085 Datasheet
3Mb / 8P
MOSFET ??N-Channel, POWERTRENCH 60 V, 80 A, 5.6 m
May, 2020 ??Rev. 3
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
NTBS2D7N06M7 ONSEMI-NTBS2D7N06M7 Datasheet
247Kb / 7P
N?륝hannel PowerTrench MOSFET 60 V, 110 A, 2.7 m
December, 2017 ??Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
FDB2532-F085 ONSEMI-FDB2532-F085 Datasheet
1Mb / 15P
MOSFET – N-Channel, POWERTRENCH 150 V, 79 A, 16 m
May, 2020 - Rev. 2
FDPF041N06BL1-F154 ONSEMI-FDPF041N06BL1-F154 Datasheet
388Kb / 11P
MOSFET – N-Channel, POWERTRENCH 60 V, 77 A, 4.1 m
December, 2020 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com