Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1079 Datasheet (PDF) - Toshiba Semiconductor

2SK1079 Datasheet PDF - Toshiba Semiconductor
Part # 2SK1079
Download  2SK1079 Download
File Size   283.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED SWITCHING APPLICATIONS. RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS.

2SK1079 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1079 Datasheet PDF - Toshiba Semiconductor

Part # 2SK1079
Download  2SK1079 Click to download

File Size   283.42 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH SPEED SWITCHING APPLICATIONS. RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS.

2SK1079 Datasheet (HTML) - Toshiba Semiconductor


2SK1079 Product details

Features
-4-Volt Cate Drive
-Low Drain-Source ON Resistance : RDS (ON) = 0.952 (Typ.)
-High Forward Transfer Admittance : Yfs=0.65S (Typ.)
-Low Leakage Current : IGSS=±3μA (Max.) @VGS=±16V
: IDSS=100μA (Max.) @VDS=100V
-Enhancement-Mode : Vth=0.8-2.0V @VDS=10V, ID=1mA




Similar Part No. - 2SK1079

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
Silicon N-Channel Junction FET
logo
Renesas Technology Corp
2SK1070 RENESAS-2SK1070 Datasheet
58Kb / 5P
Silicon N-Channel Junction FET
2SK1070PICTL-E RENESAS-2SK1070PICTL-E Datasheet
58Kb / 5P
Silicon N-Channel Junction FET
2SK1070PICTL-E RENESAS-2SK1070PICTL-E Datasheet
93Kb / 6P
Silicon N-Channel Junction FET
2SK1070PICTL-H RENESAS-2SK1070PICTL-H Datasheet
93Kb / 6P
Silicon N-Channel Junction FET
More results


Similar Description - 2SK1079

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
DC-DC Converter Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498 Datasheet
115Kb / 3P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_07 Datasheet
729Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_05 Datasheet
410Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ377 TOSHIBA-2SJ377_10 Datasheet
411Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive Applications
2SJ380 TOSHIBA-2SJ380_09 Datasheet
235Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
2SK1542 TOSHIBA-2SK1542 Datasheet
769Kb / 5P
HIGH SPEED SWITCHING APPLICATIONS RELAY DRIVE. MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS
2SK2963 TOSHIBA-2SK2963_08 Datasheet
245Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive Applications
2SJ439 TOSHIBA-2SJ439_10 Datasheet
383Kb / 6P
DC/DC Converter, Relay Drive and Motor Drive Applications
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com