Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK625 Datasheet (PDF) - Toshiba Semiconductor

2SK625 Datasheet PDF - Toshiba Semiconductor
Part # 2SK625
Download  2SK625 Download
File Size   52.71 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N-channel junction field effect transistor

2SK625 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK625 Datasheet PDF - Toshiba Semiconductor

Part # 2SK625
Download  2SK625 Click to download

File Size   52.71 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N-channel junction field effect transistor

2SK625 Datasheet (HTML) - Toshiba Semiconductor


2SK625 Product details

forte
• Low current and high gain. : : Yesl=2ms (Typical)
(Vps=5V, Ves=0, Inse 200A)
- Low noise.
- 6Ø built-in form in small package
Ideal for condenser microphones.
- Since high resistance is accumulated between gate sources, gate
Anti can be omitted.




Similar Part No. - 2SK625

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK620 PANASONIC-2SK620 Datasheet
36Kb / 2P
Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK622 ISC-2SK622 Datasheet
67Kb / 2P
Fast Switching Speed
logo
National Semiconductor ...
2SK624 NSC-2SK624 Datasheet
59Kb / 1P
Si N-Channel Junction
logo
Inchange Semiconductor ...
2SK627 ISC-2SK627 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 50V(Min)
2SK629 ISC-2SK629 Datasheet
64Kb / 2P
Drain Source Voltage-: VDSS= 100V(Min)
More results


Similar Description - 2SK625

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com