Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD20CDW Datasheet (PDF) - Teledyne Technologies Incorporated

CD20CDW Datasheet PDF - Teledyne Technologies Incorporated
Part # CD20CDW
Download  CD20CDW Download
File Size   494.01 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay

CD20CDW Datasheet (PDF)

Go To PDF Page Download Datasheet
CD20CDW Datasheet PDF - Teledyne Technologies Incorporated

Part # CD20CDW
Download  CD20CDW Click to download

File Size   494.01 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description 2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay

CD20CDW Datasheet (HTML) - Teledyne Technologies Incorporated


CD20CDW Product details

DESCRIPTION
This all solid-state relay utilizes the latest technology to provide a low ON resistance. The control (input) and load (output) are optically isolated to protect input logic circuits from voltage and current transients which can occur on the output supply. The optical isolation also provides a full floating output, thus allowing the load to be connected to either output terminal. The control circuit is buffered to enable the relay to be driven directly from standard CMOS or open collector TTL logic circuits.

FEATURES
• Available with short circuit/current overload protection
• Available with input status monitor
• TTL and CMOS compatible control
• Low ON resistance power FET output
• Fast switching speed
• Meets 28 Vdc system requirements of MIL-STD-704
• Optical isolation
• Low profile hermetic ceramic package
• Built and tested to the requirements of MIL-PRF-28750




Similar Part No. - CD20CDW

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CD20CDW TELEDYNE-CD20CDW Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
CD20CDW WILLOW-CD20CDW Datasheet
746Kb / 4P
DC Solid-State Relay
More results


Similar Description - CD20CDW

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
C75-2 TELEDYNE-C75-2 Datasheet
859Kb / 2P
Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
logo
Tyco Electronics
DS11-1Y MACOM-DS11-1Y Datasheet
124Kb / 4P
DC solid state relay for loads up to 2A @ 60Vdc
logo
Teledyne Technologies I...
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Teledyne Technologies I...
SR75-1 TELEDYNE-SR75-1 Datasheet
201Kb / 2P
1.5A, 60Vdc Optically Isolated, Short-Circuit Protected
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com