Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFSP0865A Datasheet (PDF) - ON Semiconductor

FFSP0865A Datasheet PDF - ON Semiconductor
Part # FFSP0865A
Download  FFSP0865A Download
File Size   234.13 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 650 V, 8 A

FFSP0865A Datasheet (PDF)

Go To PDF Page Download Datasheet
FFSP0865A Datasheet PDF - ON Semiconductor

Part # FFSP0865A
Download  FFSP0865A Click to download

File Size   234.13 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide Schottky Diode 650 V, 8 A

FFSP0865A Datasheet (HTML) - ON Semiconductor


FFSP0865A Product details

Description
Silicon Carbide (SiC) Schottky Diodes use a completely new
technology that provides superior switching performance and higher
reliability compared to Silicon. No reverse recovery current,
temperature independent switching characteristics, and excellent
thermal performance sets Silicon Carbide as the next generation of
power semiconductor. System benefits include highest efficiency,
faster operating frequency, increased power density, reduced EMI, and
reduced system size & cost.

Features
• Max Junction Temperature 175°C
• Avalanche Rated 49 mJ
• High Surge Current Capacity
• Positive Temperature Coefficient
• Ease of Paralleling
• No Reverse Recovery/No Forward Recovery
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Applications
• General Purpose
• SMPS, Solar Inverter, UPS
• Power Switching Circuits




Similar Part No. - FFSP0865A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FFSP0865A ISC-FFSP0865A Datasheet
272Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - FFSP0865A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSP1065A ONSEMI-FFSP1065A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
January, 2020 ??Rev. 2
FFSP1065B ONSEMI-FFSP1065B Datasheet
278Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
September, 2019 ??Rev. 0
FFSB0865A ONSEMI-FFSB0865A_V01 Datasheet
293Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
November, 2021 - Rev. 5
FFSB0865B-F085 ONSEMI-FFSB0865B-F085_V01 Datasheet
333Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
FFSB1065A ONSEMI-FFSB1065A_V01 Datasheet
299Kb / 6P
Silicon Carbide Schottky Diode 650 V, 10 A
November, 2021 - Rev. 6
FFSD0865B-F085 ONSEMI-FFSD0865B-F085_V01 Datasheet
398Kb / 6P
Silicon Carbide Schottky Diode 650 V, 8 A
March, 2022 - Rev. 2
FFSD2065B ONSEMI-FFSD2065B_V01 Datasheet
416Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
October, 2020 - Rev. 3
logo
WOLFSPEED, INC.
C6D08065A WOLFSPEED-C6D08065A Datasheet
1Mb / 9P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 1, March 2023
C6D08065G WOLFSPEED-C6D08065G Datasheet
1Mb / 6P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, JULY 2021
C6D08065Q WOLFSPEED-C6D08065Q Datasheet
679Kb / 7P
6th Generation 650 V, 8 A Silicon Carbide Schottky Diode
Rev. 0, DECEMBER 2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com