Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3532 Datasheet (PDF) - Alpha Wire

3532 Datasheet PDF - Alpha Wire
Part # 3532
Download  3532 Download
File Size   99.33 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3532 Datasheet (PDF)

Go To PDF Page Download Datasheet
3532 Datasheet PDF - Alpha Wire

Part # 3532
Download  3532 Click to download

File Size   99.33 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

3532 Datasheet (HTML) - Alpha Wire


3532 Product details

Construction
Diameters (In)
1) Component 1 20 X 1 COND
a) Conductor 22 (19/34) AWG TC 0.032
b) Insulation 0.010" Wall, Nom. PVC 0.052
(1) Color(s)
Cond Color Cond Color Cond Color
1 BROWN 8 SLATE 15 GREEN
2 RED 9 WHITE 16 BLUE
3 ORANGE 10 BLACK 17 VIOLET
4 YELLOW 11 BROWN 18 SLATE
5 GREEN 12 RED 19 WHITE
6 BLUE 13 ORANGE 20 BLACK
7 VILOET 14 YELLOW
2) Cable Assembly 20 Components assembled parallel. 0.052 +/- 0.002 x
1.040 +/- 0.040

Applicable Specifications
1) UL AWM/STYLE 2713 80°C / 150 VRMS
VW-1
2) Military
a) Component 1 MIL-DTL-16878/1 (Type B) 105°C / 600 VRMS




Similar Part No. - 3532

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3532 ETC2-3532 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
3M Electronics
3532 3M-3532 Datasheet
24Kb / 6P
3M Scotch-WeldTM Urethane Adhesives
logo
Alpha Wire
3532 ALPHAWIRE-3532 Datasheet
99Kb / 4P
Customer Specification
2/22/2023
logo
Multicomp Pro
3532 MULTICOMP-3532 Datasheet
239Kb / 2P
Food-Grade Heat-Shrink Tubing Clear
16/05/20 V1.0
logo
ASM GmbH
3532-50 ASM-SENSOR-3532-50 Datasheet
1Mb / 8P
LCR HiTESTER
More results


Similar Description - 3532

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com