Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104990604 Datasheet (PDF) - List of Unclassifed Manufacturers

104990604 Datasheet PDF - List of Unclassifed Manufacturers
Part # 104990604
Download  104990604 Download
File Size   1299.64 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Nextion Basic NX4832T035 Generic 3.5 HMI 480*320 Touch Display for Arduino Raspberry Pi

104990604 Datasheet (PDF)

Go To PDF Page Download Datasheet
104990604 Datasheet PDF - List of Unclassifed Manufacturers

Part # 104990604
Download  104990604 Click to download

File Size   1299.64 Kbytes
Page   8 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Nextion Basic NX4832T035 Generic 3.5 HMI 480*320 Touch Display for Arduino Raspberry Pi

104990604 Datasheet (HTML) - List of Unclassifed Manufacturers


104990604 Product details

Description Nextion is a Human Machine Interface(HMI) solution that provides a control and visualization interface between a human and a process, machine, application, or appliance. Nextion is not just a touch display, and it has a hardware part and a software part which is well developed for HMI applications. Nextion(NX4832T035) display is a TFT display with a resolution of 400*240. The touch panel for this display is resistive touch. Nextion has only one serial(TTL) for power supply or connection with peripheral devices like Arduino board or Raspberry Pi. What ‘s more? Nextion display has an MCU, and its frequency is up to 48MHz. With the help of 16MB flash, 3584Byte RAM, and an SD card socket, this display is embedded with a rich storage for HMI programming. As for the software part, Nextion has rich resources. Nextion Editor is a Windows software for GUI development. There are libraries for serial communication with Arduino boards and Raspberry Pi. Moreover, a mass of API is defined for users in The Nextion Instruction Set. With these resources, I believe you will have an easy experience with this display.

Key Features
• Nextion TFT resistive touch display
• 3.5” with 480*320 resolution
• Providing HMI function for external device like Arduino board or Raspberry Pi
• Including GUI development software and many API commands for GUI development




Similar Part No. - 104990604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
104990602 ETC-104990602 Datasheet
688Kb / 7P
Nextion Enhanced NX3224T024 ‐ Generic 2.4 HMI 320*240 Touch Display for Arduino Raspberry Pi
104990605 ETC-104990605 Datasheet
924Kb / 8P
Nextion Enhanced NX4827T043 - Generic 4.3' HMI 480*272 Touch Display for Arduino Raspberry Pi
104990606 ETC-104990606 Datasheet
1Mb / 8P
Nextion Intelligent NX8048P070-011R - Generic 7.0' HMI 800*480 Touch Display for Arduino Raspberry Pi
More results


Similar Description - 104990604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ULCD-28-PTU-PI ETC2-ULCD-28-PTU-PI Datasheet
480Kb / 9P
Raspberry Pi Display Module Pack
ULCD-43-PT-PI ETC2-ULCD-43-PT-PI Datasheet
442Kb / 10P
Raspberry Pi Display Module Pack
3187 ETC2-3187 Datasheet
83Kb / 1P
SmartiPi Touch - Stand for Raspberry Pi 7 Touchscreen Display
logo
STMicroelectronics
STM32-EMBPI STMICROELECTRONICS-STM32-EMBPI Datasheet
195Kb / 3P
Embedded Pi, triple-play platform for STM32, Raspberry Pi and Arduino?
October 2013 Rev 1
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RASPBERRYPI-DISPLAY ETC-RASPBERRYPI-DISPLAY Datasheet
401Kb / 1P
Raspberry Pi 7” Touch Screen Display
104990602 ETC-104990602 Datasheet
688Kb / 7P
Nextion Enhanced NX3224T024 ‐ Generic 2.4 HMI 320*240 Touch Display for Arduino Raspberry Pi
104990605 ETC-104990605 Datasheet
924Kb / 8P
Nextion Enhanced NX4827T043 - Generic 4.3' HMI 480*272 Touch Display for Arduino Raspberry Pi
104990606 ETC-104990606 Datasheet
1Mb / 8P
Nextion Intelligent NX8048P070-011R - Generic 7.0' HMI 800*480 Touch Display for Arduino Raspberry Pi
110061131 ETC-110061131 Datasheet
286Kb / 3P
Raspberry Pi 4B - Basic Kit - 4GB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com